Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMC200 Datasheet(PDF) 6 Page - Analog Devices

Part # ADMC200
Description  Motion Coprocessor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMC200 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADMC200 Datasheet HTML 2Page - Analog Devices ADMC200 Datasheet HTML 3Page - Analog Devices ADMC200 Datasheet HTML 4Page - Analog Devices ADMC200 Datasheet HTML 5Page - Analog Devices ADMC200 Datasheet HTML 6Page - Analog Devices ADMC200 Datasheet HTML 7Page - Analog Devices ADMC200 Datasheet HTML 8Page - Analog Devices ADMC200 Datasheet HTML 9Page - Analog Devices ADMC200 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADMC200
REV. B
–6–
registers respectively. The twos complement data is left justified
and the LSB is set to zero. The relationship between input volt-
age and output coding is shown in Figure 5.
0 11111111110
000000000000
100000000000
OUTPUT
CODE
FULL-SCALE
TRANSITION
0V
2.5
5V–1LSB
INPUT VOLTAGE
FS = 5V
LSB =
5V
2048
Figure 5. Transfer Function
Sample and Hold
After powering up the ADMC200, bring the
RESET pin low for
a minimum of two clock cycles in order to enable A/D conver-
sions. Before initiating the first conversion (CONVST) after a
reset, the SHA time of 20 system clock cycles must occur. A
conversion is initiated by bringing CONVST high for a mini-
mum of one system clock cycle. The SHA goes into hold mode
at the falling edge of clock.
Following completion of the A/D conversion process, a mini-
mum of 20 system clock cycles are required before initiating an-
other conversion in order to allow the sample and hold circuitry
to reacquire the input signals.
If a CONVST is initiated before the 20 clock cycles have
elapsed, the embedded control sequencer will delay conversion
until this requirement is met.
PWM TIMER BLOCK OVERVIEW
The PWM timers have 12-bit resolution and support program-
mable pulse deletion and deadtime. The ADMC200 generates
three center-based signals A, B, and C based upon user-supplied
duty cycles values. The three signals are then complemented
and adjusted for programmable deadtime to produce the six
outputs. The ADMC200 PWM master switching frequency can
range from 2.5 kHz to 20 kHz, when using a 10 MHz system
clock. The master frequency selection is set as a fraction of the
PWMTM register. If the system clock is 10 MHz, then the
minimum edge resolution available is 100 ns.
The output format of the PWM block is active LO. There is an
external input to the PWM timers (STOP) that will disable all
six outputs within one system clock when the input is HIGH.
The ADMC200 has a PWM Synchronization output
(PWMSYNC) which brings out the master switching frequency
from the PWM timers. The width of the PWMSYNC pulse is
equal to one system clock cycle. For example, if the system clock
is 10 MHz, the PWMSYNC width would be equal to 100 ns.
PWM Master Switching Period Selection
The switching time is set by the PWMTM register which should
be loaded with a value equal to the system clock frequency
divided by the desired master switching frequency. For ex-
ample, if the desired switching frequency is 8 kHz and the sys-
tem clock frequency is 10 MHz, then the PWMTM register
should be loaded with 1250 (10 MHz/8 kHz). The PWMCHA,
PWMCHB, and PWMCHC registers are loaded with the
ANALOG INPUT BLOCK
The ADMC200 contains an 11-bit resolution, successive approxi-
mation analog-to-digital (A/D) converter with twos complement
output data format. The analog input range is
±2.5 V (0 V–5 V)
with a 2.5 V offset as defined by REFIN. The on-chip 2.5 V
±
5% reference is utilized by connecting the REFOUT pin to the
REFIN pin.
The A/D conversion time is determined by the system clock fre-
quency, which can range from 6.25 MHz to 12.5 MHz. The
Sample and Hold (SHA) acquisition time is 20 system clock
cycles and is independent of the number of channels sampled
and/or digitized. The input stage to the A/D converter is a four
channel SHA which allows the four channels to be held simulta-
neously and then sequentially digitized. Forty system clock
cycles are required to complete each A/D conversion. The ana-
log channel sampling is flexible and is programmable through
the SYSCTRL register. The minimum number of channels per
conversion is two. The throughput time of the analog acquisi-
tion block can be calculated as follows:
t
AA = tSHA + ( n × tCONV )
where
tAA = analog acquisition time,
n = # channels,
tSHA = SHA acquisition time (20
× system clock period),
tCONV = conversion time (40
× system clock period) per channel.
A/D Conversions are initiated via the CONVST pin. A syn-
chronizing pulse (PWMSYNC) is provided at the beginning of
each PWM cycle. This pulse can be used to synchronize the
A/D conversion process to the PWM switching frequency.
Operating the A/D Converter
The A/D converter can be set up to convert a sequence of chan-
nels as defined in the SYSCTRL register (see Table V). Always
write 0 to both Bits 0 and 1 of the SYSCTRL register. The de-
fault channel select mode after
RESET is to convert channels V
and W only. This is two-/three-phase mode. Three-/three-phase
mode converts channels U, V, W and/or AUX. Three-/three-
phase mode is achieved by writing a 1 to Bit 3 of the SYSCTRL
register. After the conversion process is complete, the channels
can be read in any order.
There are two methods that can be used to indicate when the
A/D conversions are completed and the data is ready: interrupt
driven and software timing.
Interrupt Driven Method
Interrupts can be used to indicate the end of conversion for a
group of channels. Before beginning any A/D conversions, Bit 7
of the SYSCTRL register must be set to 1 to enable A/D con-
version interrupts. Then, when an A/D conversion is complete,
an interrupt will be generated. After an interrupt is detected
Bit 0 of the SYSSTAT register must be checked to determine if
the A/D converter was the source. Reading the SYSSTAT reg-
ister automatically clears the interrupt flag bits.
Software Timing Method
An alternative method is to use the DSP or microcontroller to
keep track of the amount of time elapsed between CONVST
and the expected completion time (n
× tCONV).
Reading Results
The 11-bit A/D conversion results for channels U, V, W and
AUX are stored in the ADCU, ADCV, ADCW and ADCAUX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com