Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMC200 Datasheet(PDF) 11 Page - Analog Devices

Part # ADMC200
Description  Motion Coprocessor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMC200 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADMC200 Datasheet HTML 4Page - Analog Devices ADMC200 Datasheet HTML 5Page - Analog Devices ADMC200 Datasheet HTML 6Page - Analog Devices ADMC200 Datasheet HTML 7Page - Analog Devices ADMC200 Datasheet HTML 8Page - Analog Devices ADMC200 Datasheet HTML 9Page - Analog Devices ADMC200 Datasheet HTML 10Page - Analog Devices ADMC200 Datasheet HTML 11Page - Analog Devices ADMC200 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADMC200
REV. B
–11–
DESCRIPTION OF THE REGISTERS
All unspecified register locations are reserved.
SYSCTRL
System Control Register (See Table V and VI)
SYSSTAT
System Status Register (See Table VII)
ADCU
These registers contain the results from the first
ADCV
three analog input channels U, V, and W. The
ADCW
output data format is twos complement and
therefore Bit 0 is always zero as the A/D
converter has 11-bit resolution.
ADCAUX
This register contains the conversion result
of the auxiliary channel.
PWMTM
PWM Master Switching Period
PWMCHA
PWM Channel A on-time
PWMCHB
PWM Channel B on-time
PWMCHC
PWM Channel C on-time
PWMDT
PWM Programmable Deadtime Value
PWMPD
PWM Programmable Pulse Deletion Value
ID/IQ
These are the results of the reverse rotation
(torque and flux components).
PHV1/2/3
These are the results from the forward
Clarke Transformation.
PHIP1/2/3
The inputs for reverse vector transformation
(Clarke and Park).
IX/IY
These registers contain the results of the Clarke
transformation that are the inputs to the reverse
Park rotation.
VX, VY
VX , VY contain the results of the forward
Park rotation.
RHOP
RHOP is the angle used during the forward vec-
tor transformation. Writing to the RHOP regis-
ter causes the forward rotation to start based on
values in RHOP, VD and VQ registers.
RHO
RHO is the angle used during the reverse vector
transformation. Writing to this register starts
the reverse rotation using the values in the
RHO, PHIP1/2/3 registers.
RHO and RHOP are unsigned ratios of 360
°.
For example, 45 degrees would be 45/360
× 212.
Table IV. Read Registers
Name
A3
A2
A1
A0
Register Function
ID/PHV1/VX
0000
Reverse Rotation Result (IDS)/Forward Result Cos +0
°
IQ/PHV2
0001
Reverse Rotation Result (IQS)/Forward Cos +120
°
IX/PHV3
0010
Reverse Clarke Cos + 0
°/Forward Result Cos +240°
IY/VY
0011
Reverse Clarke Cos +90
°/Forward Cos +90°
0100
Reserved
ADCV
0101
A/D Conversion Result Channel V
ADCW
0110
A/D Conversion Result Channel W
ADCAUX
0111
A/D Conversion Result Auxiliary Channel
ADCU
1000
A/D Conversion Result Channel U
1001
Reserved
1010
Reserved
1011
Reserved
1100
Reserved
SYSCTRL
1101
System Control
SYSSTAT
1110
System Status
1111
Reserved
Table V. System Control (SYSCTRL) Registers
RESET
Bit
Function
Default
0
Reserved, Must Be 0
0
1
Reserved, Must Be 0
0
3
Enables U Channel Conversion
(1 = Enable) Three/Three-Phase Mode
0
4
Enables AUX Channel Conversion
(0 = Disable, 1 = Enable)
0
5
Divide External Clock by 2
(0 = No, 1 = Yes)
0
6
Park Interrupt Enable
0
7
ADC Interrupt Enable
(0 = Disable, 1 = Enable)
0
8
IRQ Pin Format (Edge or Level Based
Interrupt Requests) (0 = Edge)
0
10
Reverse Rotation (0 = 2/3, 1 = 3/3)
Forward Rotation (1 = Enable)
0
Bit 0, 1 Reserved for future use. Always write 0 to these bits.
Bit 3
Channel U Conversion Enable. If Bit 3 is set to 1, then
Channel U will be converted along with V, W and/or
AUX. This bit selects three-/three-phase mode.
Bit 4
Aux Channel Conversion Enable. If Bit 4 is set to
1, then the AUX input will be converted along with
the channels V, W and/or U.
Bit 5
If Bit 5 = 1, then the external clock will be divided by
two to derive the system clock. If the external clock
frequency is greater than 12.5 MHz, then this bit must
be set.
Bit 6
Park Interrupt Enable. This bit allows interrupts to
be generated when the Park rotation is completed.
Bit 7
ADC Interrupt Enable. This bit allows interrupts to
be generated via the
IRQ pin when the analog-to-
digital conversion process is complete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com