Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMC200 Datasheet(PDF) 7 Page - Analog Devices

Part # ADMC200
Description  Motion Coprocessor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMC200 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADMC200 Datasheet HTML 3Page - Analog Devices ADMC200 Datasheet HTML 4Page - Analog Devices ADMC200 Datasheet HTML 5Page - Analog Devices ADMC200 Datasheet HTML 6Page - Analog Devices ADMC200 Datasheet HTML 7Page - Analog Devices ADMC200 Datasheet HTML 8Page - Analog Devices ADMC200 Datasheet HTML 9Page - Analog Devices ADMC200 Datasheet HTML 10Page - Analog Devices ADMC200 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADMC200
REV. B
–7–
desired on-time and their values would be calculated as a ratio
of the PWMTM register value. Note: Desired Pulse Density =
(PWMCHx register)/( PWMTM register).
The beginning of each PWM cycle is marked by the PWMSYNC
signal. New values of PWMCHA, PWMCHB and PWMCHC
must all be loaded into their respective registers at least four sys-
tem clock cycles before the beginning of a new PWM cycle. All
three registers must be updated for any of them to take effect.
New PWM on/off times are calculated during these four clock
cycles and therefore the PWMCHA, PWMCHB and PWMCHC
registers must be loaded before this time. If this timing require-
ment is not met, then the PWM outputs may be invalid during
the next PWM cycle.
PWM Example
The following example uses a system clock speed of 10 MHz.
The desired PWM master switching frequency is 8 kHz and the
desired on-time for the timers A, B and C are 25%, 50% and
10% respectively. The values for the PWMCHA, PWMCHB,
and PWMCHC registers must be calculated as ratios of the
PWMTM register (1250 in this example). To achieve these
duty cycles, load the PWMCHA register with 313 (1250
×
0.25), PWMCHB with 625 (1250
× 0.5) and PWMCHC with
125 (1250
× 0.1).
Programmable Deadtime
With perfectly complemented PWM drive signals and nonideal
switching characteristics of the power devices, both transistors
in a particular leg might be switched on at the same time, result-
ing in either a power supply trip, inverter trip or device destruc-
tion. In order to prevent this, a delay must be introduced
between the complemented signal edges. For example, the ris-
ing edge of AP occurs before the falling edge of A, and the fall-
ing edge of the complemented A occurs after the rising edge of
A. This capability is known as programmable deadtime.
The ADMC200 programmable deadtime value is loaded into
the 7-bit PWMDT register, in which the LSB is set to zero in-
ternally, which means the deadtime value is always divisible by
two. With a 10 MHz system clock, the 0–126 range of values in
PWMDT yield a range of deadtime values from 0
µs to 12.6 µs
in 200 ns steps. Figure 6 shows PWM timer A with a program-
mable deadtime of PWMDT.
PWMCHA - PWMDT
A
PWMTM
AP
PWMCHA + PWMDT
Figure 6. Programmable Deadtime Example
Pulse Deletion
The pulse deletion feature prevents a pulse from being gener-
ated when the user-specified duty cycle results in a pulse dura-
tion shorter than the user-specified deletion value. The pulse
deletion value is loaded into the 7-bit register PWMPD. When
the user-specified on-time for a channel would result in a calcu-
lated pulsewidth less than the value specified in the PWMPD
register, then the PWM outputs for that channel would be set to
full off (0%) and its prime to full on (100%). This is valid for
A, AP, B, BP, C and CP. This feature would be used in an en-
vironment where the inverter’s power transistors have a mini-
mum switching time. If the user-specified duty cycle would
result in a pulse duration shorter than the minimum switching
time of the transistors, then pulse deletion should be used to
prevent this occurrence. With a 10 MHz system clock, the 0–
127 range of values in PWMPD yield a range of deadtime values
from 0
µs to 12.7 µs in 100 ns steps.
External PWM Shutdown
There is an external input pin (STOP) to the PWM timers that
will disable all six outputs when it goes HIGH. When the STOP
pin goes HIGH, the PWM timer outputs will all go HIGH
within one system clock cycle. When the STOP pin goes
LOW, the PWM timer outputs are re-enabled within one system
clock cycle. If external PWM shutdown isn’t required, tie the
STOP pin LOW.
VECTOR TRANSFORMATION BLOCK OVERVIEW
The Vector Transformation Block performs both Park and
Clarke coordinate transformations to control a three-phase
motor (Permanent Magnet Synchronous Motor or Induction
Motor) via independent control of the decoupled rotor torque
and flux currents. The Park and Clarke transformations combine
to convert three-phase stator current signals into two orthogonal
rotor referenced current signals Id and Iq. Id represents the flux
or magnetic field current and Iq represents the torque generat-
ing current. The Id and Iq current signals are used by the
processor’s motor torque control algorithm to calculate the
required direct Vd and quadrature Vq voltage components for the
motor. The forward Park and Clarke transformations are used
to convert the Vd and Vq voltage signals in the rotor reference
frame to three phase voltage signals (U, V, W) in the stator
reference frame. These are then scaled by the processor and
written to the ADMC200’s PWM registers in order to drive the
inverter. The figures below illustrate the Clarke and Park Trans-
formations respectively.
Iw
Iu
Iv
Iy
Ix
120
°
120
°
120
°
Three-Phase
Equivalent
Stator Currents
Two-Phase Currents
Figure 7. Reverse Clarke Transformation
Iy
Ix
ρ
Iq
Id
ROTOR
REFERENCE
FRAME AXIS
90
°
Rotating
Stationary
Reference Frame
Reference Frame
Figure 8. Reverse Park Transformation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com