Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMC401 Datasheet(PDF) 10 Page - Analog Devices

Part # ADMC401
Description  Single-Chip, DSP-Based High Performance Motor Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMC401 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADMC401 Datasheet HTML 6Page - Analog Devices ADMC401 Datasheet HTML 7Page - Analog Devices ADMC401 Datasheet HTML 8Page - Analog Devices ADMC401 Datasheet HTML 9Page - Analog Devices ADMC401 Datasheet HTML 10Page - Analog Devices ADMC401 Datasheet HTML 11Page - Analog Devices ADMC401 Datasheet HTML 12Page - Analog Devices ADMC401 Datasheet HTML 13Page - Analog Devices ADMC401 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
REV. B
ADMC401
–10–
Parameter
Min
Max
Unit
Serial Ports
Timing Requirements:
t
SCK
SCLK Period
50
ns
t
SCS
DR/TFS/RFS Setup before SCLK Low
5
ns
t
SCH
DR/TFS/RFS Hold after SCLK Low
10
ns
t
SCP
SCLK
IN Width
20
ns
Switching Characteristics:
t
CC
CLKOUT High to SCLK
OUT
0.25t
CK
0.25t
CK + 15
ns
t
SCDE
SCLK High to DT Enable
0
ns
t
SCDV
SCLK High to DT Valid
20
ns
t
RH
TFS/RFS
OUT Hold after SCLK High
0
ns
t
RD
TFS/RFS
OUT Delay from SCLK High
20
ns
t
SCDH
DT Hold after SCLK High
0
ns
t
TDE
TFS(Alt) to DT Enable
0
ns
t
TDV
TFS(Alt) to DT Valid
20
ns
t
SCDD
SCLK High to DT Disable
20
ns
t
RDV
RFS (Multichannel, Frame Delay Zero) to DT Valid
20
ns
CLKOUT
SCLK
TFS
RFS
DR
RFSIN
TFSIN
DT
alternate
frame mode
RFSOUT
TFSOUT
multichannel mode,
frame delay 0
(MFD = 0)
tCC
tCC
tSCS tSCS
tSCK
tSCP
tSCP
tRD
tRH
tSCDV
tSCDE
tTDE
tTDV
tRDV
tSCDH
tSCDD
Figure 6. Serial Ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com