Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMC401 Datasheet(PDF) 38 Page - Analog Devices

Part # ADMC401
Description  Single-Chip, DSP-Based High Performance Motor Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMC401 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADMC401 Datasheet HTML 34Page - Analog Devices ADMC401 Datasheet HTML 35Page - Analog Devices ADMC401 Datasheet HTML 36Page - Analog Devices ADMC401 Datasheet HTML 37Page - Analog Devices ADMC401 Datasheet HTML 38Page - Analog Devices ADMC401 Datasheet HTML 39Page - Analog Devices ADMC401 Datasheet HTML 40Page - Analog Devices ADMC401 Datasheet HTML 41Page - Analog Devices ADMC401 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
REV. B
ADMC401
–38–
asynchronous timing of encoder and DSP-reading events. As a
result, more accurate computations of the position and velocity
of the motor shaft may be performed.
The EET consists of a 16-bit encoder event timer, an encoder
pulse decimator and a clock divider. The EET clock frequency is
selected by the 16-bit read/write EETDIV clock divide register,
whose value divides the CLKOUT frequency. The contents of
the encoder event timer are incremented on each rising edge of
the divided clock signal. An EETDIV value of zero gives the
maximum divide value of 0x10000 (= 65,536), so that the
clock frequency to the encoder event timer is at its minimum
possible value.
The quadrature signal from the encoder interface unit is deci-
mated at a rate determined by the 8-bit read/write EETN regis-
ter. For example, writing a value of two to EETN, produces a
pulse decimator output train at half the quadrature signal fre-
quency, as shown in Figure 31. The rising edge of this deci-
mated signal is termed a velocity event. Therefore, for an EETN
value of two, a velocity event occurs every two encoder edges, or
on each edge of one of the encoder signals. An EETN value of 0
gives an effective pulse decimation value of 256.
On the occurrence of a velocity event, the contents of the en-
coder event timer are stored in an intermediate Interval Time
Register. Under normal operation, this register stores the elapsed
time between successive velocity events. After the timer value
has been latched at the velocity event, the contents of the en-
coder event timer are reset to one.
ENCODER EVENT
TIMER VALUE
EET LATCH
EVENT
VELOCITY
EVENTS
QUADRATURE
SIGNAL
EIUCNT
B
A
EETT
EETDELTAT
Figure 31. Operation of Encoder Interface Unit and EET of
ADMC401 in the Forward Direction with EETN = 2
Latching Data from the EET
When using the data from the Encoder Event Timer, it is im-
portant to latch a triplet set of data at the same instant in time.
The three pieces of data are the contents of the encoder quadra-
ture up/down counter, the stored value in the Interval Time
Register (giving the precise measured time between the last two
velocity events) and the present value of the encoder event timer
(giving an indication of how much time has passed since the last
velocity event).
The data from the EET can be latched on the occurrence of
two different events. The particular event is selected by
Bit 4 (EETLATCH) of the EIUCTRL register. Setting this
EETLATCH bit causes the data to be latched on the timeout of
the encoder loop timer (EIUTIMER). At that time, the contents
of the encoder quadrature counter (EIUCNT) are latched to a
16-bit register EETCNT. In addition, the contents of the inter-
mediate Interval Time register are latched to the EETT register
and the contents of the encoder event timer are latched to the
EETDELTAT register. The three registers, EETCNT, EETT
and EETDELTAT, then contain the desired triplet of position/
speed data required for the control algorithm. In addition, if the
timeout of the EIUTIMER is used to generate an EIU loop
timer interrupt, the required data is automatically latched and
waiting for execution of the interrupt service routine (which may
be some time after the timeout instant if there are multiple
interrupts in the system). By latching the EIUCNT register to
the EETCNT, the user does not have to worry about changes in
the EIUCNT register (due to additional encoder edges) prior to
servicing of the EIU loop timer interrupt.
The other EET latch event is defined by clearing the EETLATCH
bit of the EIUCTRL register. In this mode, whenever, the
EIUCNT register is read by the DSP, the current value of the
intermediate Interval Time register is latched to the EETT
register and the contents of the encoder event timer are latched
to the EETDELTAT register. The three registers, EIUCNT,
EETT and EETDELTAT now contain the desired triplet of
position/speed data required for the control algorithm. Note the
difference from before, in that the encoder count value is now
available in the EIUCNT register.
It is important to realize that the EETT, and EETDELTAT regis-
ters are only updated by either the timeout of the EIUTIMER
register (if EETLATCH bit is set) or the act of reading the
EIUCNT register (if the EETLATCH bit is cleared). Therefore,
if the EETLATCH bit is set, the act of reading the EIUCNT
register will not update the EETT and EETDELTAT registers.
Following reset, Bit 4 of the EIUCTRL is cleared.
EET Status Register
There is a 1-bit EETSTAT register that indicates whether or
not an overflow of the EET has occurred. If the time between
successive velocity events is sufficiently long, it is possible that
the encoder event timer will overflow. When this condition is
detected, Bit 0 of the EETSTAT register is set and the EETT
register is fixed at 0xFFFF. Reading the EETSTAT register
clears the overflow bit and permits the EETT register to be
updated at the next velocity event.
If an encoder direction reversal is detected by the EIU, the
encoder event timer is set to 1 and the EETT register is set to
its maximum 0xFFFF value. Subsequent velocity events will
cause the EETT register to be updated with the correct value. If
a value of 0xFFFF is read from the EETT register, Bit 0 of the
EETSTAT register can be read to determine whether an over-
flow or direction reversal condition exists.
On reset the EETN, EETDIV, EETDELTAT and EETT regis-
ters are all cleared to zero. Whenever either the EETN or EETDIV
registers are written to, the encoder event timer is reset to zero
and the EETT register is set to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com