Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMC401 Datasheet(PDF) 24 Page - Analog Devices

Part # ADMC401
Description  Single-Chip, DSP-Based High Performance Motor Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMC401 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADMC401 Datasheet HTML 20Page - Analog Devices ADMC401 Datasheet HTML 21Page - Analog Devices ADMC401 Datasheet HTML 22Page - Analog Devices ADMC401 Datasheet HTML 23Page - Analog Devices ADMC401 Datasheet HTML 24Page - Analog Devices ADMC401 Datasheet HTML 25Page - Analog Devices ADMC401 Datasheet HTML 26Page - Analog Devices ADMC401 Datasheet HTML 27Page - Analog Devices ADMC401 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
REV. B
ADMC401
–24–
CONVERT START COMMAND
The analog-to-digital conversion process of the ADMC401 may
be started by either an internal or an external command. Bit 0 of
the ADCCTRL register determines whether internal or external
convert start mode is enabled. If Bit 0 of the ADCCTRL regis-
ter is cleared, internal convert start mode is selected, and the
ADC conversion process is started on the rising edge of the
PWMSYNC signal. This results in one conversion sequence per
PWM switching period (at the start of each period) when the
PWM generation unit operates in the single update mode. In the
double update operating mode, there are two conversion se-
quences per PWM switching period (one at the start and one in
the middle of each period). In internal convert start mode, in
order to ensure correct synchronization and jitter-free operation,
it is essential that the value written to the PWMTM register be a
multiple of four. In other words, the two LSBs of the value
written to the PWMTM register must both be 0.
If Bit 0 of the ADCCTRL register is set, external convert start
mode is selected. In this mode, the conversion process is started
on the occurrence of a rising edge on the CONVST pin. Addi-
tionally, the start of conversion can be placed under software
control by externally connecting one of the programmable input/
output (PIO) lines to the CONVST pin and generating a rising
edge by writing to the appropriate bit of the PIODATA register.
By default, following reset, Bit 0 of the ADCCTRL register is
cleared so that internal convert start mode is selected.
ADC CLOCK SIGNALS
The ADC consists of a pipeline flash architecture and is clocked
at a quarter of the DSP instruction rate. All of the timing of the
ADC system (including control of the multiplexers and sample
and hold amplifiers) is regulated by this clock signal and it de-
termines the total conversion time for all of the channels as well
as the delay between sampling of successive pairs of analog
inputs. The ADC clock rate is internally fixed and may not be
changed. The period of the ADC clock, tCKADC is related to the
DSP CLKOUT period by:
tt
CKADC
CK
=×
4
A DSP rate of 26 MHz corresponds to a tCKADC of approxi-
mately 154 ns.
ANALOG INPUT CONFIGURATION AND OVERVIEW
Figure 17 is a simplified model of the ADC input structure for
one channel (VIN0) of the ADC system of the ADMC401. This
model applies to all eight input channels. The internal multi-
plexers are used to switch the various analog inputs to the A/D
converter. For analog inputs VIN0 to VIN3, there is a single
common terminal (ASHAN) that is the inverting input to the
internal differential sample and hold amplifier. For the input
signals, VIN4 to VIN7, the equivalent input is BSHAN. The
value VREF (internally generated voltage reference or externally
applied voltage reference on the VREF pin) defines the maximum
input voltage to the A/D core. The minimum input voltage to
the A/D core is automatically defined as –VREF.
+VREF
–VREF
12
VIN0
ASHAN
VCORE
A/D
CORE
Figure 17. Equivalent Functional Input Circuit of ADC
System
The dc voltage on the VREF pin sets the common-mode voltage
of the A/D converter of the ADMC401. For example, when
using the internal 2.0 V reference, the input level will also be
centered about 2.0 V. The ADC inputs of the ADMC401 can
be configured for single ended operation, where the inverting
terminals (ASHAN and BSHAN) are connected directly to the
reference voltage level, and the analog inputs (VIN0 to VIN7)
are driven by analog signals with a 4.0 V p-p range. The VIN0
to VIN7 inputs are unipolar so that when operating from the
internal 2.0 V reference, these signals can range from 0 V to
4 V. The recommended single-ended input configuration for a
single analog input channel of the ADMC401 is shown in Fig-
ure 18. The input to the A/D converter must be driven by an
operational amplifier with sufficient drive strength so that the
A/D performance is not degraded. Sufficient drive strength is
the ability to drive a load of 6 pF static and 4 pF switched from
ground (capacitive) to settle within
±1.0 mV within 70 ns. In
Figure 18, the operational amplifier is shown configured as a
simple noninverting input buffer. Of course, the operational
amplifier stage could also be used to implement any necessary
level shifting and/or filtering of the input signal.
+V
–V
VIN0
ASHAN
VREF
SENSE
ADMC401
RS
RS
10 F
0.1 F
4V
0V
Figure 18. Typical Single-Ended Input Configuration for
ADMC401
From Figure 17, it is clear that the input to the A/D core is
simply given by:
V
VIN
ASHAN
CORE
=
0–
which must satisfy the condition:
–VV
V
REF
CORE
REF
≤≤
where VREF is the voltage at the VREF pin of the ADMC401
(either internally generated or externally supplied). There is an
additional limit placed on the valid operating range for the VIN0
and ASHAN inputs that is bounded by the power supply of the
ADMC401:
AV
V
VIN
AV
V
AV
V
ASHAN
AV
V
SS
DD
SS
DD
–.
.
–.
.
03
0
0 3
03
03
≤≤
+
≤≤
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com