Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMC401 Datasheet(PDF) 4 Page - Analog Devices

Part # ADMC401
Description  Single-Chip, DSP-Based High Performance Motor Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMC401 Datasheet(HTML) 4 Page - Analog Devices

  ADMC401 Datasheet HTML 1Page - Analog Devices ADMC401 Datasheet HTML 2Page - Analog Devices ADMC401 Datasheet HTML 3Page - Analog Devices ADMC401 Datasheet HTML 4Page - Analog Devices ADMC401 Datasheet HTML 5Page - Analog Devices ADMC401 Datasheet HTML 6Page - Analog Devices ADMC401 Datasheet HTML 7Page - Analog Devices ADMC401 Datasheet HTML 8Page - Analog Devices ADMC401 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
REV. B
ADMC401
–4–
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
Input Voltage . . . . . . . . . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V
Output Voltage Swing . . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V
Operating Temperature Range (Ambient) . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (5 sec) . . . . . . . . . . . . . . . . . . . . . . +280
°C
*Stresses above those listed under absolute maximum ratings may cause permanent
damage to the device. These are stresses only; functional operation of the device
at these or any other conditions above those indicated in the operational section of
this specification is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the ADMC401 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ORDERING GUIDE
Temperature
Instruction
Package
Package
Model
Range
Rate
Description
Option
ADMC401BST
–40
°C to +85°C
26 MHz
144-Lead Plastic Thin Quad Flatpack (LQFP)
ST-144
ADMC401-ADVEVALKIT
Development Tool Kit
ADMC401-PB
Evaluation/Processor Board
Timing Parameters
GENERAL NOTES
Use the exact timing information given. Do not attempt to
derive parameters from the addition or subtraction of others.
While addition or subtraction would yield meaningful results for
an individual device, the values given in this data sheet reflect
statistical variations and worst cases. Consequently, you cannot
meaningfully add up parameters to derive longer times.
TIMING NOTES
Switching characteristics specify how the processor changes its
signals. You have no control over this timing; it is dependent on
the internal design. Timing requirements apply to signals that
are controlled outside the processor, such as the data input for a
read operation.
Timing requirements guarantee that the processor operates
correctly with another device. Switching characteristics tell you
what the device will do under a given circumstance. Also, use
the switching characteristics to ensure any timing requirement
of a device connected to the processor (such as memory) is
satisfied.
MEMORY REQUIREMENTS
This chart links common memory device specification names
and ADMC401 timing parameters for your convenience.
Common
Parameter
Memory Device
Name
Function
Specification Name
tASW
A0–A13,
DMS, PMS
Address Setup to
Setup before
WR Low
Write Start
tAW
A0–A13,
DMS, PMS
Address Setup to
before
WR Deasserted
Write End
tWRA
A0–A13,
DMS, PMS
Address Hold Time
Hold after
WR Deasserted
tDW
Data Setup before
WR High Data Setup Time
tDH
Data Hold after
WR High
Data Hold Time
tRDD
RD Low to Data Valid
OE to Data Valid
tAA
A0–A13,
DMS, PMS,
Address Access Time
BMS to Data Valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com