Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT7281 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT7281
Description  2A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7281 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT7281 Datasheet HTML 1Page - Richtek Technology Corporation RT7281 Datasheet HTML 2Page - Richtek Technology Corporation RT7281 Datasheet HTML 3Page - Richtek Technology Corporation RT7281 Datasheet HTML 4Page - Richtek Technology Corporation RT7281 Datasheet HTML 5Page - Richtek Technology Corporation RT7281 Datasheet HTML 6Page - Richtek Technology Corporation RT7281 Datasheet HTML 7Page - Richtek Technology Corporation RT7281 Datasheet HTML 8Page - Richtek Technology Corporation RT7281 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
RT7274/79/80/81
5
DS7274/79/80/81-01 February 2013
www.richtek.com
©
Copyright 2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Detailed Description
The RT7274/79/80/81 are high-performance 700kHz 2A
step-down regulators with internal power switches and
synchronous rectifiers. They feature an Advanced Constant
On-Time (ACOTTM) control architecture that provides
stable operation with ceramic output capacitors without
complicated external compensation, among other benefits.
The input voltage range is from 4.5V to 18V and the output
is adjustable from 0.765V to 8V.
The proprietary ACOTTM control scheme improves upon
other constant on-time architectures, achieving nearly
constant switching frequency over line, load, and output
voltage ranges. The RT7274/79/80/81 are optimized for
ceramic output capacitors. Since there is no internal clock,
response to transients is nearly instantaneous and inductor
current can ramp quickly to maintain output regulation
without large bulk output capacitance.
Constant On-Time (COT) Control
The heart of any COT architecture is the on-time one-
shot. Each on-time is a pre-determined “fixed” period
that is triggered by a feedback comparator. This robust
arrangement has high noise immunity and is ideal for low
duty cycle applications. After the on-time one-shot period,
there is a minimum off-time period before any further
regulation decisions can be considered. This arrangement
avoids the need to make any decisions during the noisy
time periods just after switching events, when the
switching node (SW) rises or falls. Because there is no
fixed clock, the high-side switch can turn on almost
immediately after load transients and further switching
pulses can ramp the inductor current higher to meet load
requirements with minimal delays.
Traditional current mode or voltage mode control schemes
typically must monitor the feedback voltage, current
signals (also for current limit), and internal ramps and
compensation signals, to determine when to turn off the
high-side switch and turn on the synchronous rectifier.
Weighing these small signals in a switching environment
is difficult to do just after switching large currents, making
those architectures problematic at low duty cycles and in
less than ideal board layouts.
Because no switching decisions are made during noisy
time periods, COT architectures are preferable in low duty
cycle and noisy applications. However, traditional COT
control schemes suffer from some disadvantages that
preclude their use in many cases. Many applications require
a known switching frequency range to avoid interference
with other sensitive circuitry. True constant on-time control,
where the on-time is actually fixed, exhibits variable
switching frequency. In a step-down converter, the duty
factor is proportional to the output voltage and inversely
proportional to the input voltage. Therefore, if the on-time
is fixed, the off-time (and therefore the frequency) must
change in response to changes in input or output voltage.
Modern pseudo-fixed frequency COT architectures greatly
improve COT by making the one-shot on-time proportional
to VOUT and inversely proportional to VIN. In this way, an
on-time is chosen as approximately what it would be for
an ideal fixed-frequency PWM in similar input/output
voltage conditions. The result is a big improvement but
the switching frequency still varies considerably over line
and load due to losses in the switches and inductor and
other parasitic effects.
Another problem with many COT architectures is their
dependence on adequate ESR in the output capacitor,
making it difficult to use highly-desirable, small, low-cost,
but low-ESR ceramic capacitors. Most COT architectures
use AC current information from the output capacitor,
generated by the inductor current passing through the
ESR, to function in a way like a current mode control
system. With ceramic capacitors the inductor current
information is too small to keep the control loop stable,
like a current mode system with no current information.
ACOT
TM Control Architecture
Making the on-time proportional to VOUT and inversely
proportional to VIN is not sufficient to achieve good
constant-frequency behavior for several reasons. First,
voltage drops across the MOSFET switches and inductor
cause the effective input voltage to be less than the
measured input voltage and the effective output voltage to
be greater than the measured output voltage. As the load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com