Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT7281 Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT7281
Description  2A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7281 Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT7281 Datasheet HTML 8Page - Richtek Technology Corporation RT7281 Datasheet HTML 9Page - Richtek Technology Corporation RT7281 Datasheet HTML 10Page - Richtek Technology Corporation RT7281 Datasheet HTML 11Page - Richtek Technology Corporation RT7281 Datasheet HTML 12Page - Richtek Technology Corporation RT7281 Datasheet HTML 13Page - Richtek Technology Corporation RT7281 Datasheet HTML 14Page - Richtek Technology Corporation RT7281 Datasheet HTML 15Page - Richtek Technology Corporation RT7281 Datasheet HTML 16Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
RT7274/79/80/81
12
DS7274/79/80/81-01 February 2013
www.richtek.com
©
Copyright 2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
VFB Threshold Voltage vs. Temperature
0.740
0.745
0.750
0.755
0.760
0.765
0.770
0.775
0.780
-50
-25
0
25
50
75
100
125
Temperature (°C)
Typical Operating Characteristics
Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
Output Current (A)
VIN = 12V, VOUT = 1.05V, IOUT = 0 to 2A
RT7279/81
RT7274/80
Output Voltage vs. Input Voltage
1.00
1.01
1.02
1.03
1.04
1.05
1.06
1.07
1.08
46
8
10
12
14
16
18
Input Voltage (V)
RT7279
RT7274
RT7280
RT7281
VIN = 4.5V to 18V, VOUT = 1.05V, IOUT = 1A
Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
Output Current (A)
VIN = 12V, VOUT = 5V, IOUT = 0 to 2A
RT7279/81
RT7274/80
Output Voltage vs. Output Current
1.030
1.035
1.040
1.045
1.050
1.055
1.060
1.065
1.070
0
0.2 0.4
0.6 0.8
1
1.2 1.4
1.6 1.8
2
Output Current (A)
VIN = 12V, VOUT = 1.05V, IOUT = 0 to 2A
RT7279/81
RT7274/80
Output Voltage vs. Output Current
4.92
4.94
4.96
4.98
5.00
5.02
5.04
5.06
5.08
5.10
0
0.2 0.4
0.6 0.8
1
1.2 1.4
1.6 1.8
2
Output Current (A)
VIN = 12V, VOUT = 5V, IOUT = 0 to 2A
RT7279/81
RT7274/80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com