Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT7281 Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT7281
Description  2A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7281 Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT7281 Datasheet HTML 7Page - Richtek Technology Corporation RT7281 Datasheet HTML 8Page - Richtek Technology Corporation RT7281 Datasheet HTML 9Page - Richtek Technology Corporation RT7281 Datasheet HTML 10Page - Richtek Technology Corporation RT7281 Datasheet HTML 11Page - Richtek Technology Corporation RT7281 Datasheet HTML 12Page - Richtek Technology Corporation RT7281 Datasheet HTML 13Page - Richtek Technology Corporation RT7281 Datasheet HTML 14Page - Richtek Technology Corporation RT7281 Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
RT7274/79/80/81
11
DS7274/79/80/81-01 February 2013
www.richtek.com
©
Copyright 2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
For TSSOP-14 (Exposed Pad) Package
For SOP-8 (Exposed Pad) Package
Typical Application Circuit
RT7279/80
PVCC
PGND
VIN
VIN
10µF x 2
C1
0.1µF
C2
SS
3.9nF
C5
1µF
C4
VOUT
1.05V/2A
GND
EN
Input Signal
PGOOD
Output Signal
R3 100k
PVCC
BOOT
L1
2µH
0.1µF
C6
22µF x 2
C7
SW
22k
FB
8.25k
R1
R2
C3
VOUT
VINR
13
14
6
7
3
4
8, 9, 15 (Exposed Pad)
1
5
2
12
10, 11
Table 1. Suggested Component Values
VOUT (V)
R1 (k
Ω)
R2 (k
Ω)
C3 (pF)
L1 (
μH)
C7 (
μF)
1
6.81
22.1
--
2
22 to 68
1.05
8.25
22.1
--
2
22 to 68
1.2
12.7
22.1
--
2
22 to 68
1.8
30.1
22.1
5 to 22
3.3
22 to 68
2.5
49.9
22.1
5 to 22
3.3
22 to 68
3.3
73.2
22.1
5 to 22
3.3
22 to 68
5
124
22.1
5 to 22
4.7
22 to 68
7
180
22.1
5 to 22
4.7
22 to 68
EN
RT7274/81
PVCC
FB
GND
VIN
VIN
10µF x 2
C1
0.1µF
C2
BOOT
L1
2µH
0.1µF
C6
22µF x 2
C7
SW
SS
3.9nF
C5
1µF
C4
VOUT
1.05V/2A
8.25k
R1
22.1k
R2
C3
VPVCC
2
3
4
5, 9 (Exposed Pad)
6
7
8
1
Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com