Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT7281 Datasheet(PDF) 20 Page - Richtek Technology Corporation

Part # RT7281
Description  2A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7281 Datasheet(HTML) 20 Page - Richtek Technology Corporation

Back Button RT7281 Datasheet HTML 14Page - Richtek Technology Corporation RT7281 Datasheet HTML 15Page - Richtek Technology Corporation RT7281 Datasheet HTML 16Page - Richtek Technology Corporation RT7281 Datasheet HTML 17Page - Richtek Technology Corporation RT7281 Datasheet HTML 18Page - Richtek Technology Corporation RT7281 Datasheet HTML 19Page - Richtek Technology Corporation RT7281 Datasheet HTML 20Page - Richtek Technology Corporation RT7281 Datasheet HTML 21Page - Richtek Technology Corporation RT7281 Datasheet HTML 22Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
RT7274/79/80/81
20
DS7274/79/80/81-01 February 2013
www.richtek.com
©
Copyright 2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Layout Consideration
Follow the PCB layout guidelines for optimal performance
of the RT7274/79/80/81
Keep the traces of the main current paths as short and
wide as possible.
Put the input capacitor as close as possible to the device
pins (VIN and GND).
SW node is with high frequency voltage swing and
should be kept at small area. Keep sensitive
components away from the SW node to prevent stray
capacitive noise pickup.
Connect feedback network behind the output capacitors.
Keep the loop area small. Place the feedback
components near the RT7274/79/80/81 FB pin.
The GND and Exposed Pad should be connected to a
strong ground plane for heat sinking and noise protection.
(a). For TSSOP-14 (Exposed Pad) Package
Figure 6. Derating Curve of Maximum Power Dissipation
package, the thermal resistance,
θJA, is 49°C/W on a
standard JEDEC 51-7 four-layer thermal test board. The
maximum power dissipation at TA= 25
°C can be calculated
by the following formulas :
PD(MAX) = (125
°C − 25°C) / (40°C/W) = 2.50W for
TSSOP-14 (Exposed Pad) package
PD(MAX) = (125
°C − 25°C) / (49°C/W) = 2.04W for
SOP-8 (Exposed Pad) package
The maximum power dissipation depends on operating
ambient temperature for fixed TJ(MAX) and thermal
resistance,
θJA. The derating curves in Figure 6 allow the
designer to see the effect of rising ambient temperature
on the maximum power dissipation.
FB
VIN
PGND
GND
SS
PVCC
PGOOD
EN
PGND
SW
SW
BOOT
VOUT
VINR
4
2
3
5
7
6
11
13
12
10
8
9
14
PGND
15
R2
R1
CVCC
CIN
CBOOT
L
VOUT
COUT
SW should be connected to inductor by
Wide and short trace. Keep sensitive
components away from this trace.
Place the feedback components
as close to the FB as possible
for better regulation.
Place the input and output
capacitors as close to the
IC as possible.
VOUT
PGND
Figure 7. PCB Layout Guide
(b). For SOP-8 (Exposed) Package
EN
FB
PVCC
SS
VIN
BOOT
GND
SW
GND
2
3
4
5
6
7
8
9
C2
C1
C6
L1
C7
VOUT
C4
C5
R1
R2
GND
Input capacitor must be placed
as close to the IC as possible.
SW should be connected to inductor by
Wide and short trace. Keep sensitive
components away from this trace.
The resistor divider must
be connected as close to
the device as possible.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
025
50
75
100
125
Ambient Temperature (°C)
Four-Layer PCB
SOP-8 (Exposed Pad)
TSSOP-14 (Exposed Pad)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com