Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMP01AX Datasheet(PDF) 9 Page - Analog Devices

Part # AMP01AX
Description  Low Noise, Precision Instrumentation Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP01AX Datasheet(HTML) 9 Page - Analog Devices

Back Button AMP01AX Datasheet HTML 5Page - Analog Devices AMP01AX Datasheet HTML 6Page - Analog Devices AMP01AX Datasheet HTML 7Page - Analog Devices AMP01AX Datasheet HTML 8Page - Analog Devices AMP01AX Datasheet HTML 9Page - Analog Devices AMP01AX Datasheet HTML 10Page - Analog Devices AMP01AX Datasheet HTML 11Page - Analog Devices AMP01AX Datasheet HTML 12Page - Analog Devices AMP01AX Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
AMP01
–9–
REV. D
TEMPERATURE – C
16
0
–75
–50
150
–25
0
25
75
100 125
50
14
8
6
4
2
12
10
VDM = 0
VS = 15V
VS = 10V
VS = 5V
Figure 11. Common-Mode Voltage
Range vs. Temperature
LOAD RESISTANCE –
18
10
10k
14
10
100
1k
16
12
8
6
4
2
0
VS = 15V
Figure 14. Maximum Output Voltage
vs. Load Resistance
FREQUENCY – Hz
80
0
100
1M
40
1k
10k
100k
60
20
–20
–40
10
1
VS = 15V
TA = +25 C
G = 1000
G = 100
G = 10
G = 1
Figure 17. Closed-Loop Voltage
Gain vs. Frequency
FREQUENCY – Hz
140
0
1
10
100k
100
1k
10k
120
100
80
60
40
20
VS = 15V
TA = +25 C
VS = 1V
G = 1000
G = 100
G = 10
G = 1
Figure 12. Positive PSR
vs. Frequency
FREQUENCY – Hz
30
10
100
1M
20
1k
10k
100k
25
15
VS = 15V
RL = 2k
5
0
Figure 15. Maximum Output Swing
vs. Frequency
FREQUENCY – Hz
0.08
0.04
10k
0.06
10
100
1k
0.07
0.05
0.03
0.02
0.01
0
G = 1000
G = 100
G = 10
G = 1
VS = 15V
RL = 600
VOUT = 20V p-p
Figure 18. Total Harmonic Distortion
vs. Frequency
FREQUENCY – Hz
140
0
1
10
100k
100
1k
10k
120
100
80
60
40
20
VS = 15V
TA = +25 C
VS = 1V
G = 1000
G = 100
G = 10
G = 1
Figure 13. Negative PSR
vs. Frequency
FREQUENCY – Hz
100
10
100
1M
1k
10k
100k
10
1.0
0.1
0.01
0.001
VS = 15V
IOUT = 20mA p-p
G = 1000
G = 1
Figure 16. Closed-Loop Output
Impedance vs. Frequency
LOAD RESISTANCE –
0.02
0.01
10k
100
1k
0
VS = 15V
G = 100
f = 1kHz
VOUT = 20V p-p
Figure 19. Total Harmonic Distortion
vs. Load Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com