Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMP01AX Datasheet(PDF) 12 Page - Analog Devices

Part # AMP01AX
Description  Low Noise, Precision Instrumentation Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP01AX Datasheet(HTML) 12 Page - Analog Devices

Back Button AMP01AX Datasheet HTML 8Page - Analog Devices AMP01AX Datasheet HTML 9Page - Analog Devices AMP01AX Datasheet HTML 10Page - Analog Devices AMP01AX Datasheet HTML 11Page - Analog Devices AMP01AX Datasheet HTML 12Page - Analog Devices AMP01AX Datasheet HTML 13Page - Analog Devices AMP01AX Datasheet HTML 14Page - Analog Devices AMP01AX Datasheet HTML 15Page - Analog Devices AMP01AX Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
AMP01
–12–
REV. D
VOLTAGE GAIN
1M
1
10k
10k
10
100
1k
VS = 15V
100k
1k
100
RS
RG
Figure 30. RG and RS Selection
Gain accuracy is determined by the ratio accuracy of RS and RG
combined with the gain equation error of the AMP01 (0.6%
max for A/E grades).
All instrumentation amplifiers require attention to layout so
thermocouple effects are minimized. Thermocouples formed
between copper and dissimilar metals can easily destroy the
TCVOS performance of the AMP01 which is typically
0.15
µV/°C. Resistors themselves can generate thermoelectric
EMF’s when mounted parallel to a thermal gradient. “Vishay”
resistors are recommended because a maximum value for ther-
moelectric generation is specified. However, where thermal
gradients are low and gain TCs of 20 ppm–50 ppm are suffi-
cient, general-purpose metal-film resistors can be used for RG
and RS.
COMMON-MODE REJECTION
Ideally, an instrumentation amplifier responds only to the dif-
ference between the two input signals and rejects common-
mode voltages and noise. In practice, there is a small change in
output voltage when both inputs experience the same common-
mode voltage change; the ratio of these voltages is called the
common-mode gain. Common-mode rejection (CMR) is the
logarithm of the ratio of differential-mode gain to common-
mode gain, expressed in dB. CMR specifications are normally
measured with a full-range input voltage change and a specified
source resistance unbalance.
The current-feedback design used in the AMP01 inherently
yields high common-mode rejection. Unlike resistive feedback
designs, typified by the three-op-amp IA, the CMR is not de-
graded by small resistances in series with the reference input. A
slight, but trimmable, output offset voltage change results from
resistance in series with the reference input.
The common-mode input voltage range, CMVR, for linear
operation may be calculated from the formula:
CMVR =
± IVR –
|V OUT|
2 G


(4)
IVR is the data sheet specification for input voltage range; VOUT
is the maximum output signal; G is the chosen voltage gain. For
example, at +25
°C, IVR is specified as ±10.5 volt minimum
with
±15 volt supplies. Using a ±10 volt maximum swing out-
put and substituting the figures in (4) simplifies the formula to:
CMVR =
± 10.5 –
5
G


(5)
For all gains greater than or equal to 10, CMVR is
±10 volt
minimum; at gains below 10, CMVR is reduced.
ACTIVE GUARD DRIVE
Rejection of common-mode noise and line pick-up can be im-
proved by using shielded cable between the signal source and
the IA. Shielding reduces pick-up, but increases input capaci-
tance, which in turn degrades the settling-time for signal
changes. Further, any imbalance in the source resistance be-
tween the inverting and noninverting inputs, when capacitively
loaded, converts the common-mode voltage into a differential
voltage. This effect reduces the benefits of shielding. AC
common-mode rejection is improved by “bootstrapping” the
input cable capacitance to the input signal, a technique called
“guard driving.” This technique effectively reduces the input
capacitance. A single guard-driving signal is adequate at gains
above 100 and should be the average value of the two inputs.
The value of external gain resistor RG is split between two resis-
tors RG1 and RG2; the center tap provides the required signal to
drive the buffer amplifier (Figure 31).
GROUNDING
The majority of instruments and data acquisition systems have
separate grounds for analog and digital signals. Analog ground
may also be divided into two or more grounds which will be tied
together at one point, usually the analog power-supply ground.
In addition, the digital and analog grounds may be joined, nor-
mally at the analog ground pin on the A-to-D converter. Fol-
lowing this basic grounding practice is essential for good circuit
performance (Figure 32).
Mixing grounds causes interactions between digital circuits and
the analog signals. Since the ground returns have finite resis-
tance and inductance, hundreds of millivolts can be developed
between the system ground and the data acquisition compo-
nents. Using separate ground returns minimizes the current flow
in the sensitive analog return path to the system ground point.
Consequently, noisy ground currents from logic gates do not
interact with the analog signals.
Inevitably, two or more circuits will be joined together with their
grounds at differential potentials. In these situations, the differ-
ential input of an instrumentation amplifier, with its high CMR,
can accurately transfer analog information from one circuit to
another.
SENSE AND REFERENCE TERMINALS
The sense terminal completes the feedback path for the instru-
mentation amplifier output stage and is normally connected
directly to the output. The output signal is specified with re-
spect to the reference terminal, which is normally connected to
analog ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com