Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMP01AX Datasheet(PDF) 11 Page - Analog Devices

Part # AMP01AX
Description  Low Noise, Precision Instrumentation Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP01AX Datasheet(HTML) 11 Page - Analog Devices

Back Button AMP01AX Datasheet HTML 7Page - Analog Devices AMP01AX Datasheet HTML 8Page - Analog Devices AMP01AX Datasheet HTML 9Page - Analog Devices AMP01AX Datasheet HTML 10Page - Analog Devices AMP01AX Datasheet HTML 11Page - Analog Devices AMP01AX Datasheet HTML 12Page - Analog Devices AMP01AX Datasheet HTML 13Page - Analog Devices AMP01AX Datasheet HTML 14Page - Analog Devices AMP01AX Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
AMP01
–11–
REV. D
GAIN
The AMP01 uses two external resistors for setting voltage gain
over the range 0.1 to 10,000. The magnitudes of the scale resis-
tor, RS, and gain-set resistor, RG, are related by the formula:
G = 20
× R
S/RG, where G is the selected voltage gain (refer to
Figure 29).
REFERENCE
OUTPUT
V+
V–
RS
RG
+IN
–IN
VOLTAGE GAIN, G =
20
RS
RG
(
)
SENSE
AMP01
14
15
13
12
7
9
8
11
10
3
2
1
18
Figure 29. Basic AMP01 Connections for Gains
0.1 to 10,000
The magnitude of RS affects linearity and output referred errors.
Circuit performance is characterized using RS = 10 k
Ω when
operating on
±15 volt supplies and driving a ±10 volt output. R
S
may be reduced to 5 k
Ω in many applications particularly when
operating on
±5 volt supplies or if the output voltage swing is
limited to
±5 volts. Bandwidth is improved with R
S = 5 k
Ω and
this also increases common-mode rejection by approximately
6 dB at low gain. Lowering the value below 5 k
Ω can cause
instability in some circuit configurations and usually has no
advantage. High voltage gains between two and ten thousand
would require very low values of RG. For RS = 10 k
Ω and
AV = 2000 we get RG = 100
Ω; this value is the practical lower
limit for RG. Below 100
Ω, mismatch of wirebond and resistor
temperature coefficients will introduce significant gain tempco
errors. Therefore, for gains above 2,000, RG should be kept
constant at 100
Ω and R
S increased. The maximum gain of
10,000 is obtained with RS set to 50 k
Ω.
Metal-film or wirewound resistors are recommended for best
results. The absolute values and TCs are not too important,
only the ratiometric parameters.
AC amplifiers require good gain stability with temperature and
time, but dc performance is unimportant. Therefore, low cost
metal-film types with TCs of 50 ppm/
°C are usually adequate
for RS and RG. Realizing the full potential of the AMP01’s offset
voltage and gain stability requires precision metal-film or wire-
wound resistors. Achieving a 15 ppm/
°C gain tempco at all gains
requires RS and RG temperature coefficient matching to
5 ppm/
°C or better.
INPUT AND OUTPUT OFFSET VOLTAGES
Instrumentation amplifiers have independent offset voltages
associated with the input and output stages. While the initial
offsets may be adjusted to zero, temperature variations will
cause shifts in offsets. Systems with auto-zero can correct for
offset errors, so initial adjustment would be unnecessary. How-
ever, many high-gain applications don’t have auto zero. For
these applications, both offsets can be nulled, which has mini-
mal effect on TCVIOS and TCVOOS
The input offset component is directly multiplied by the ampli-
fier gain, whereas output offset is independent of gain. There-
fore, at low gain, output-offset errors dominate, while at high
gain, input-offset errors dominate. Overall offset voltage, VOS,
referred to the output (RTO) is calculated as follows;
VOS (RTO) = (VIOS
× G) + V
OOS
(1)
where VIOS and VOOS are the input and output offset voltage
specifications and G is the amplifier gain. Input offset nulling
alone is recommended with amplifiers having fixed gain above
50. Output offset nulling alone is recommended when gain is
fixed at 50 or below.
In applications requiring both initial offsets to be nulled, the
input offset is nulled first by short-circuiting RG, then the output
offset is nulled with the short removed.
The overall offset voltage drift TCVOS, referred to the output, is
a combination of input and output drift specifications. Input
offset voltage drift is multiplied by the amplifier gain, G, and
summed with the output offset drift;
TCVOS (RTO) = (TCVIOS
× G) + TCV
OOS
(2)
where TCVIOS is the input offset voltage drift, and TCVOOS is
the output offset voltage specification. Frequently, the amplifier
drift is referred back to the input (RTI), which is then equiva-
lent to an input signal change;
TCVOS (RTI) = TCVIOS
TCV OOS
G
(3)
For example, the maximum input-referred drift of an AMP01 EX
set to G = 1000 becomes;
TCVOS (RTI ) = 0.3
µV/°C +
100
1000
µVC
/
°
= 0.4
µV/°C max
INPUT BIAS AND OFFSET CURRENTS
Input transistor bias currents are additional error sources that
can degrade the input signal. Bias currents flowing through the
signal source resistance appear as an additional offset voltage.
Equal source resistance on both inputs of an IA will minimize
offset changes due to bias current variations with signal voltage
and temperature. However, the difference between the two bias
currents, the input offset current, produces a nontrimmable
error. The magnitude of the error is the offset current times the
source resistance.
A current path must always be provided between the differential
inputs and analog ground to ensure correct amplifier operation.
Floating inputs, such as thermocouples, should be grounded
close to the signal source for best common-mode rejection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com