Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMP01AX Datasheet(PDF) 4 Page - Analog Devices

Part # AMP01AX
Description  Low Noise, Precision Instrumentation Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP01AX Datasheet(HTML) 4 Page - Analog Devices

  AMP01AX Datasheet HTML 1Page - Analog Devices AMP01AX Datasheet HTML 2Page - Analog Devices AMP01AX Datasheet HTML 3Page - Analog Devices AMP01AX Datasheet HTML 4Page - Analog Devices AMP01AX Datasheet HTML 5Page - Analog Devices AMP01AX Datasheet HTML 6Page - Analog Devices AMP01AX Datasheet HTML 7Page - Analog Devices AMP01AX Datasheet HTML 8Page - Analog Devices AMP01AX Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
AMP01
–4–
REV. D
ELECTRICAL CHARACTERISTICS (@ V
S =
15 V, RS = 10 k , RL = 2 k , TA = +25 C, unless otherwise noted)
AMP01A/E
AMP01B/F/G
Parameter
Symbol Conditions
Min
Typ
Max
Min
Typ
Max
Units
GAIN
Gain Equation Accuracy
G =
20
× R
S
RG
0.3
0.6
0.5
0.8
%
Accuracy Measured
from G = 1 to 1000
Gain Range
G
0.1
10k
0.1
10k
V/V
Nonlinearity
G = 10001
0.0007 0.005
0.0007 0.005
%
G = 1001
0.005
0.005
%
G = 101
0.005
0.007
%
G = 11
0.010
0.015
%
Temperature Coefficient
GTC
1
≤ G ≤ 10001, 2
5
10
5
15
ppm
°C
OUTPUT RATING
Output Voltage Swing
VOUT
RL = 2 k
Ω±13.0 ±13.8
±13.0 ±13.8
V
RL = 500
Ω±13.0 ±13.5
±13.0 ±13.5
V
RL = 50
Ω±2.5 ±4.0
±2.5 ±4.0
V
RL = 2 k
Ω Over Temp.
±12.0 ±13.8
±12.0 ±13.8
V
RL = 500
Ω3
±12.0 ±13.5
±12.0 ±13.5
V
Positive Current Limit
Output-to-Ground Short
60
100
120
60
100
120
mA
Negative Current Limit
Output-to-Ground Short
60
90
120
60
90
120
mA
Capacitive Load Stability
1
≤ G ≤ 1000
No Oscillations1
0.1
1
0.1
1
µF
Thermal Shutdown
Temperature
Junction Temperature
165
165
°C
NOISE
Voltage Density, RTI
en
fO = 1 kHz
en
G = 1000
5
5
nV/
√Hz
en
G = 100
10
10
nV/
√Hz
en
G = 10
59
59
nV/
√Hz
en
G = 1
540
540
nV/
√Hz
Noise Current Density, RTI
in
fO = 1 kHz, G = 1000
0.15
0.15
pA/
√Hz
Input Noise Voltage
en p-p
0.1 Hz to 10 Hz
en p-p
G = 1000
0.12
0.12
µV p-p
en p-p
G = 100
0.16
0.16
µV p-p
en p-p
G = 10
1.4
1.4
µV p-p
en p-p
G = 1
13
13
µV p-p
Input Noise Current
in p-p
0.1 Hz to 10 Hz, G = 1000
2
2
pA p-p
DYNAMIC RESPONSE
Small-Signal
G = 1
570
570
kHz
Bandwidth (–3 dB)
BW
G = 10
100
100
kHz
G = 100
82
82
kHz
G = 1000
26
26
kHz
Slew Rate
SR
G = 10
3.5
4.5
3.0
4.5
V/
µs
Settling Time
tS
To 0.01%, 20 V step
G = 1
12
12
µs
G = 10
13
13
µs
G = 100
15
15
µs
G = 1000
50
50
µs
NOTES
1Guaranteed by design.
2Gain tempco does not include the effects of gain and scale resistor tempco match.
3–55
°C ≤ T
A
≤ +125°C for A/B grades, –25°C ≤ T
A
≤ +85°C for E/F grades, 0°C ≤ T
A
≤ 70°C for G grades.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com