Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS56921 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS56921
Description  4.5V to 17V Input, 9A Synchronous Step Down SWIFT Converter With VID Control
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS56921 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS56921 Datasheet HTML 9Page - Texas Instruments TPS56921 Datasheet HTML 10Page - Texas Instruments TPS56921 Datasheet HTML 11Page - Texas Instruments TPS56921 Datasheet HTML 12Page - Texas Instruments TPS56921 Datasheet HTML 13Page - Texas Instruments TPS56921 Datasheet HTML 14Page - Texas Instruments TPS56921 Datasheet HTML 15Page - Texas Instruments TPS56921 Datasheet HTML 16Page - Texas Instruments TPS56921 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
Voutmin = Ontimemin • Fsmax Vinmax + Ioutmin(Rds,ls - Rds,hs) - Ioutmin(RL + Rds,ls)
(
)
TPS56921
www.ti.com
SLVSBL4 – OCTOBER 2012
The minimum output voltage and maximum output voltage can be limited by the minimum on time of the high-
side MOSFET and bootstrap voltage (BOOT-PH voltage) respectively. More discussions are located in Minimum
On Time and Maximum Switching Frequency Limitations and Bootstrap Voltage (BOOT) and Low Dropout
Operation.
Minimum On Time and Maximum Switching Frequency Limitations
The current-mode architecture of the device requires a settling time before accurate current measurements can
occur, therefore a minimum on-time spec exists. The output voltage may be limited by the minimum controllable
on time depending on the input voltage, load current and switching frequency, and so on. The minimum output
voltage is given by Equation 2.
(2)
Where:
Voutmin = minimum achievable output voltage
Ontimemin = minimum controllable on-time (150 nsec maximum @ 2A load current)
Fsmax = maximum switching frequency including tolerance
Vinmax = maximum input voltage
Ioutmin = minimum load current
Rds,hs = high side MOSFET on resistance (26 m
Ω typical)
Rds,ls = low side MOSFET on resistance (19 m
Ω typical)
RL = series resistance of output inductor
If the minimum on-time limitation is exceeded, the device may begin pulse-skipping. In this case, the device will
act as if the operational switching frequency has dropped, but in reality it may probably only skip a few cycles.
Though this will increase the output ripple, the output of the converter will remain in regulation. It is up to the user
to determine whether to choose a switching frequency that keeps the operation away from the pulse-skipping
regime of operation or to run at a reduced input voltage to keep the operation away from pulse-skipping mode or
to run a higher frequency that may pulse-skip if the duty ratio becomes too low.
Safe Start-up into Pre-Biased Outputs
The device has been designed to prevent the low-side MOSFET from discharging a pre-biased output. During
monotonic pre-biased startup, the low-side MOSFET is not allowed to sink current until the SS pin voltage is
higher than 1.4V.
Error Amplifier
The device uses a transconductance error amplifier. The error amplifier compares the VSENSE pin voltage to the
lower of the SS pin voltage or the internal 0.8V voltage reference. The transconductance of the error amplifier is
1300
μA/V during normal operation. The frequency compensation network is connected between the COMP pin
and ground.
Slope Compensation
The device adds a compensating ramp to the switch current signal. This slope compensation prevents sub-
harmonic oscillations. The available peak inductor current remains constant over the full duty cycle range.
Enable and Adjusting Under-Voltage Lockout (EN and UVLO)
The EN pin provides electrical on/off control of the device. Once the EN pin voltage exceeds the threshold
voltage, the device starts operation. If the EN pin voltage is pulled below the threshold voltage, the regulator
stops switching and enters low Iq state.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links :TPS56921



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com