Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS56921 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS56921
Description  4.5V to 17V Input, 9A Synchronous Step Down SWIFT Converter With VID Control
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS56921 Datasheet(HTML) 2 Page - Texas Instruments

  TPS56921 Datasheet HTML 1Page - Texas Instruments TPS56921 Datasheet HTML 2Page - Texas Instruments TPS56921 Datasheet HTML 3Page - Texas Instruments TPS56921 Datasheet HTML 4Page - Texas Instruments TPS56921 Datasheet HTML 5Page - Texas Instruments TPS56921 Datasheet HTML 6Page - Texas Instruments TPS56921 Datasheet HTML 7Page - Texas Instruments TPS56921 Datasheet HTML 8Page - Texas Instruments TPS56921 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
TPS56921
SLVSBL4 – OCTOBER 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
TJ
PACKAGE
PART NUMBER
Tube
TPS56921PWP
–40°C to 125°C
20-Pin HTSSOP
Large Reel
TPS56921PWPR
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
over operating temperature range (unless otherwise noted)
VALUE
UNIT
VIN
–0.3 to 20
PVIN
–0.3 to 20
EN
–0.3 to 6
BOOT
–0.3 to 27
VSENSE
–0.3 to 3
COMP
–0.3 to 3
PWRGD
–0.3 to 6
Input Voltage
V
SS
–0.3 to 3
RT/CLK
–0.3 to 6
VOUT
–0.3 to 3.6
SDA
–0.3 to 3.6
SCL
–0.3 to 3.6
A0
–0.3 to 2.5
A1
–0.3 to 2.5
BOOT-PH
0 to 7.5
Output Voltage
PH
–1 to 20
V
PH 10ns Transient
–3 to 20
Vdiff (GND to exposed thermal pad)
–0.2 to 0.2
V
RT/CLK
±100
µA
Source Current
PH
Current Limit
A
PH
Current Limit
A
PVIN
Current Limit
A
Sink Current
COMP
±200
µA
PWRGD
–0.1 to 5
mA
Electrostatic Discharge (HBM) QSS 009-105 (JESD22-A114A)
2
kV
Electrostatic Discharge (CDM) QSS 009-147 (JESD22-C101B.01)
500
V
Operating Junction Temperature
–40 to 125
°C
Storage Temperature
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links :TPS56921



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com