Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS56921 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS56921
Description  4.5V to 17V Input, 9A Synchronous Step Down SWIFT Converter With VID Control
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS56921 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS56921 Datasheet HTML 17Page - Texas Instruments TPS56921 Datasheet HTML 18Page - Texas Instruments TPS56921 Datasheet HTML 19Page - Texas Instruments TPS56921 Datasheet HTML 20Page - Texas Instruments TPS56921 Datasheet HTML 21Page - Texas Instruments TPS56921 Datasheet HTML 22Page - Texas Instruments TPS56921 Datasheet HTML 23Page - Texas Instruments TPS56921 Datasheet HTML 24Page - Texas Instruments TPS56921 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
TPS56921
www.ti.com
SLVSBL4 – OCTOBER 2012
Any code >76 is illegal except for the following special control codes:
Table 4. Special Control Codes
Special Code
Function
1111000
Set delay from PWRGD fault to PWRGD pin pulldown to zero
1111001
Set delay from PWRGD fault to PWRGD pin pulldown to 4 CLK cycles (default)
1111010
Set delay from PWRGD fault to PWRGD pin pulldown to 8 CLK cycles
1111011
Set delay from PWRGD fault to PWRGD pin pulldown to 4 CLK cycles (default)
1111111
Change back to external regulation mode
Explanation of Special Codes - PWRGD Blanking Control Codes
Especially for low load currents, large jumps in the I2C-controlled Vout setting may have a long settling time
compared to the UV/OV thresholds. If this happens, it will cause the PWRGD signal to temporarily indicate a fault
condition.
If this is not the desired behavior, it is possible to “blank” the PWRGD being pulled down for some number of
CLK cycles, whether the CLK frequency is being set by an RT resistor or by an external CLK at the RT/CLK pin.
The user can set this delay to 4, 8 or 16 CLK cycles using the 11110xx codes shown on the previous page. On
power-up, the delay defaults to 4 clock cycles. The user can reset the blanking time using these codes at any
time without affecting any other device behavior.
Alternatively, the user can avoid this by sequentially programming the VOUT in smaller steps. This method
allows the system enough time to respond to large VOUT transitions. The same behavior can occur when
changing from external to internal mode, so the user should first select a VOUT equal to the externally-set
VOUT, then move in small steps to the desired VOUT.
Explanation of Special Codes – Return to External Control Mode
It may be desired to return the IC to being controlled by the external resistor divider feeding back to the VSENSE
pin rather than using the I2C codes. If so, the user may send code 1111111 to the serial interface, and the
TPS56921 will switch back to external feedback mode. The next write of a valid VOUT code to the serial
interface will return the part to internal regulation mode.
None of the other special codes change the VOUT voltage, nor will they cause a switch from External to Internal
regulation modes. Note that code 1111000 puts the part into no-delay mode if it is desired that PWRGD indicates
that the output is temporarily out of regulation.
ChkSum Bit
The ChkSum bit should be set by the Master controller to be the exclusive-OR of the D[6:0] bits (even parity).
This will be used by the TPS56921 to check that a valid data byte was received. If ChkSum is not equal to the
exclusive-OR of the D[6:0] bits, the TPS56921 assumes that an error occurred during the data transmission, and
it will not send an ACK bit, nor will it reset the VOUT to the received code. The Master should try again to send
the data.
Unless they are among the previously-discussed “Special Codes”, sending D[6:0] bits outside of the range 0 to
76 decimal causes the TPS56921 to assume that an error occurred during the data transmission, and it will not
send an ACK bit, nor will it change the VOUT. The Master should try again to send the data.
Small Signal Model for Loop Response
Figure 21 shows an equivalent model for the device control loop which can be modeled in a circuit simulation
program to check frequency response and transient responses. The error amplifier is a transconductance
amplifier with a gm of 1300
μA/V. The error amplifier can be modeled using an ideal voltage controlled current
source. The resistor Roea (2.38 M
Ω) and capacitor Coea (20.7 pF) model the open loop gain and frequency
response of the error amplifier. The 1-mV ac voltage source between the nodes a and b effectively breaks the
control loop for the frequency response measurements. Plotting a/c and c/b show the small signal responses of
the power stage and frequency compensation respectively. Plotting a/b shows the small signal response of the
overall loop. The dynamic loop response can be checked by replacing the RL with a current source with the
appropriate load step amplitude and step rate in a time domain analysis.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links :TPS56921



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com