Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS56921 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TPS56921
Description  4.5V to 17V Input, 9A Synchronous Step Down SWIFT Converter With VID Control
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS56921 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS56921 Datasheet HTML 13Page - Texas Instruments TPS56921 Datasheet HTML 14Page - Texas Instruments TPS56921 Datasheet HTML 15Page - Texas Instruments TPS56921 Datasheet HTML 16Page - Texas Instruments TPS56921 Datasheet HTML 17Page - Texas Instruments TPS56921 Datasheet HTML 18Page - Texas Instruments TPS56921 Datasheet HTML 19Page - Texas Instruments TPS56921 Datasheet HTML 20Page - Texas Instruments TPS56921 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
TPS56921
www.ti.com
SLVSBL4 – OCTOBER 2012
To improve drop out, the device is designed to operate at 100% duty cycle as long as the BOOT to PH pin
voltage is greater than the BOOT-PH UVLO threshold which is typically 2.1V. When the voltage between BOOT
and PH drops below the BOOT-PH UVLO threshold the high-side MOSFET is turned off and the low-side
MOSFET is turned on allowing the boot capacitor to be recharged. In applications with split input voltage rails
100% duty cycle operation can be achieved as long as (VIN – PVIN) > 4V.
Output Overvoltage Protection (OVP)
The device incorporates an output overvoltage protection (OVP) circuit to minimize output voltage overshoot. For
example, when the power supply output is overloaded the error amplifier compares the actual output voltage to
the internal reference voltage. If the VSENSE pin voltage is lower than the internal reference voltage for a
considerable time, the output of the error amplifier demands maximum output current. Once the condition is
removed, the regulator output rises and the error amplifier output transitions to the steady state voltage. In some
applications with small output capacitance, the power supply output voltage can respond faster than the error
amplifier. This leads to the possibility of an output overshoot. The OVP feature minimizes the overshoot by
comparing the VSENSE pin voltage to the OVP threshold. If the VSENSE pin voltage is greater than the OVP
threshold the high-side MOSFET is turned off preventing current from flowing to the output and minimizing output
overshoot. When the VSENSE voltage drops lower than the OVP threshold, the high-side MOSFET is allowed to
turn on at the next clock cycle.
Overcurrent Protection
The device is protected from overcurrent conditions by cycle-by-cycle current limiting on both the high-side
MOSFET and the low-side MOSFET.
High-side MOSFET overcurrent protection
The device implements current mode control which uses the COMP pin voltage to control the turn off of the high-
side MOSFET and the turn on of the low-side MOSFET on a cycle by cycle basis. Each cycle the switch current
and the current reference generated by the COMP pin voltage are compared, when the peak switch current
intersects the current reference the high-side switch is turned off.
Low-side MOSFET overcurrent protection
While the low-side MOSFET is turned on its conduction current is monitored by the internal circuitry. During
normal operation the low-side MOSFET sources current to the load. At the end of every clock cycle, the low-side
MOSFET sourcing current is compared to the internally set low-side sourcing current limit. If the low-side
sourcing current is exceeded the high-side MOSFET is not turned on and the low-side MOSFET stays on for the
next cycle. The high-side MOSFET is turned on again when the low-side current is below the low-side sourcing
current limit at the start of a cycle.
The low-side MOSFET may also sink current from the load. If the low-side sinking current limit is exceeded the
low-side MOSFET is turned off immediately for the rest of that clock cycle. In this scenario both MOSFETs are
off until the start of the next cycle.
Furthermore, if an output overload condition (as measured by the COMP pin voltage) has lasted for more than
the hiccup wait time which is programmed for 512 switching cycles, the device will shut down itself and restart
after the hiccup time of 16384 cycles. The hiccup mode helps to reduce the device power dissipation under
severe overcurrent conditions.
Overheat Protection
The internal thermal shutdown circuitry forces the device to stop switching if the junction temperature exceeds
170°C typically. Once the junction temperature drops below 160°C typically, the internal thermal hiccup timer will
start to count. The device reinitiates the power up sequence after the built-in thermal shutdown hiccup time
(32768 cycles) is over.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links :TPS56921



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com