Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9467 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9467
Description  16-Bit, 200 MSPS/250 MSPS Analog-to-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9467 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9467 Datasheet HTML 7Page - Analog Devices AD9467 Datasheet HTML 8Page - Analog Devices AD9467 Datasheet HTML 9Page - Analog Devices AD9467 Datasheet HTML 10Page - Analog Devices AD9467 Datasheet HTML 11Page - Analog Devices AD9467 Datasheet HTML 12Page - Analog Devices AD9467 Datasheet HTML 13Page - Analog Devices AD9467 Datasheet HTML 14Page - Analog Devices AD9467 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Data Sheet
AD9467
Rev. D | Page 11 of 32
EQUIVALENT CIRCUITS
VIN+
AVDD2
BUF
VIN–
AVDD2
BUF
265Ω
265Ω
BUF
AVDD2
VCML
2.15V/2.30V
Figure 4. Equivalent Analog Input Circuit
0.8V
10kΩ
10kΩ
10kΩ
10kΩ
CLK+
CLK–
AVDD1
Figure 5. Equivalent Clock Input Circuit
DRVDD
DRGND
Dx–
Dx+
V
V
V
V
Figure 6. Equivalent Digital Output Circuit
SCLK, SDIO
AND CSB
30kΩ
345Ω
Figure 7. Equivalent SCLK, SDIO, and CSB Input Circuit
SPIVDD
SDIO
Figure 8. Equivalent SDIO Output Circuit
1kΩ
3pF
XVREF
Figure 9. Equivalent External VREF Input Circuit (When Enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com