Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9467 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9467
Description  16-Bit, 200 MSPS/250 MSPS Analog-to-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9467 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9467 Datasheet HTML 12Page - Analog Devices AD9467 Datasheet HTML 13Page - Analog Devices AD9467 Datasheet HTML 14Page - Analog Devices AD9467 Datasheet HTML 15Page - Analog Devices AD9467 Datasheet HTML 16Page - Analog Devices AD9467 Datasheet HTML 17Page - Analog Devices AD9467 Datasheet HTML 18Page - Analog Devices AD9467 Datasheet HTML 19Page - Analog Devices AD9467 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
AD9467
Data Sheet
Rev. D | Page 16 of 32
70
75
80
85
90
95
100
TEMPERATURE (°C)
SINAD
SFDR
Figure 34. SINAD/SFDR vs. Temperature, fIN = 97.3 MHz,
2.5 V p-p FS, AD9467-200
70
75
80
85
90
95
100
TEMPERATURE (°C)
SINAD
SFDR
Figure 35. SINAD/SFDR vs. Temperature, fIN = 97.3 MHz,
2.5 V p-p FS, AD9467-250
3.75
CODE
3.00
2.25
1.50
0.75
0
0.75
–1.50
–2.25
–3.00
–3.75
Figure 36. INL, fIN = 4.3 MHz, 2.5 V p-p FS, AD9467-200
CODE
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
Figure 37. DNL, fIN = 4.3 MHz, 2.5 V p-p FS, AD9467-200
6
8
CODE
4
2
0
–2
–4
–6
–8
Figure 38. INL, fIN = 4.3 MHz, 2.5 V p-p FS, AD9467-250
CODE
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
Figure 39. DNL, fIN = 4.3 MHz, 2.5 V p-p FS, AD9467-250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com