Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9467 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9467
Description  16-Bit, 200 MSPS/250 MSPS Analog-to-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9467 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9467 Datasheet HTML 14Page - Analog Devices AD9467 Datasheet HTML 15Page - Analog Devices AD9467 Datasheet HTML 16Page - Analog Devices AD9467 Datasheet HTML 17Page - Analog Devices AD9467 Datasheet HTML 18Page - Analog Devices AD9467 Datasheet HTML 19Page - Analog Devices AD9467 Datasheet HTML 20Page - Analog Devices AD9467 Datasheet HTML 21Page - Analog Devices AD9467 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
AD9467
Data Sheet
Rev. D | Page 18 of 32
–90
–85
–80
–75
–70
–65
–60
–55
ANALOG INPUT FREQUENCY (MHz)
AVDD1
AVDD2
DRVDD
Figure 46. Power Supply Rejection (PSR), AD9467-250
70
75
80
85
90
95
100
0
50
100
150
200
250
300
BUFFER CURRENT PERCENTAGE (%)
4MHz
97MHz
140MHz
170MHz
210MHz
290MHz
Figure 47. SFDR Performance vs. Buffer Current Percentage Over Analog
Input Frequency, AD9467-200
75
80
85
90
95
100
105
0
50
100
150
200
250
300
BUFFER CURRENT PERCENTAGE (%)
4MHz
97MHz
140MHz
170MHz
210MHz
290MHz
Figure 48. SFDR Performance vs. Buffer Current Percentage Over Analog
Input Frequency, AD9467-250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com