Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9467 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9467
Description  16-Bit, 200 MSPS/250 MSPS Analog-to-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9467 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9467 Datasheet HTML 13Page - Analog Devices AD9467 Datasheet HTML 14Page - Analog Devices AD9467 Datasheet HTML 15Page - Analog Devices AD9467 Datasheet HTML 16Page - Analog Devices AD9467 Datasheet HTML 17Page - Analog Devices AD9467 Datasheet HTML 18Page - Analog Devices AD9467 Datasheet HTML 19Page - Analog Devices AD9467 Datasheet HTML 20Page - Analog Devices AD9467 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Data Sheet
AD9467
Rev. D | Page 17 of 32
20
30
40
50
60
70
80
90
100
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
ANALOG INPUT COMMON-MODE VOLTAGE (V)
DEFAULT CMV
SFDR
SNR
Figure 40. SNR/SFDR vs. Analog Input Common-Mode Voltage,
AIN = 100 MHz, 2.5 V p-p FS, AD9467-250
20
30
40
50
60
70
80
90
100
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
ANALOG INPUT COMMON-MODE VOLTAGE (V)
DEFAULT CMV
SFDR
SNR
Figure 41. SNR/SFDR vs. Analog Input Common-Mode Voltage,
AIN = 100 MHz, 2.5 V p-p FS, AD9467-200
–70
–60
–50
–40
–30
–20
–10
0
0
50
100
150
200
250
300
FREQUENCY (MHz)
Figure 42. Common-Mode Rejection Ratio (CMRR), AD9467-250
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
FREQUENCY (Hz)
1M
10M
100M
1G
10G
–3dB = 2.24GHz
Figure 43. Converter AC Bandwidth AD9467-250
140,000
120,000
100,000
80,000
60,000
40,000
20,000
0
CODE
3.427LSB rms
Figure 44. Input-Referred Noise Histogram, 2.5 V p-p FS, AD9467-200
140,000
120,000
100,000
80,000
60,000
40,000
20,000
0
CODE
3.385LSB rms
Figure 45. Input-Referred Noise Histogram, 2.5 V p-p FS, AD9467-250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com