| Electronic Components Datasheet Search |
|
CT2579 Datasheet(PDF) 16 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
CT2579 Datasheet(HTML) 16 Page - Aeroflex Circuit Technology |
|
16 / 41 page ![]() 16 APPLICATION NOTE #108 Released 9/98 DATA STORAGE AND RETRIEVAL IN RAM The storage and retrieval of data on RAM is optimized for fast processor accesses. The data (Transmit or Receive) is stored with the first data word (Word #0) in memory location #0n and the last data word (Word #n) in location 00. The processor reads the Command word and extracts the T/R bit, subaddress, and word count bits as a pointer to the proper memory location. The word count field is used as a down counter variable so that a Do Loop routine is executed and then branched out at counter = 00. This may be more efficient in some compilers than an up counter and comparing current loop counter with word count field on every loop. The following section contains sample software pseudo code for data handling. See Memory Map for further details. SAMPLE SOFTWARE CODE The following section contains sample pseudo-code for programming and operation the SmaRT unit. The code most resembles Microsoft Quick Basic code (IBM DOS compatible) for simplicity. RETRIEVING OR LOADING DATA TO RAM REM ******************************************************************************************* REM * REM * Routines for operation in Remote Terminal (RT) Mode REM * REM ******************************************************************************************** REM ******************************************************************************************** REM * Variables REM * _______ REM * REM * NCMDEMPTY 0 = EMPTY (NO Command WORDS IN FIFO) REM * 1 = HAVE COMMAND WORDS IN FIFO REM * REM * This signal is derived from NEMPTY REM * on the CT2577. REM * REM * MODE 0 = RT MODE REM * 1 = BC MODE REM * REM * CMDWORD = COMMAND WORD READ FROM FIFO REM * REM * WORDCNT = LOWER 5 BIT OF COMMAND WORD REM * INDICATES HOW MANY DATA WORDS REM * REM * DATA() = DATA ARRAY (32 WORDS MAX) REM * REM * MEMPOINT = LOWER 11 BITS OF THE COMMAND WORD REM * REM * T/R_BIT = BIT #10 OF THE COMMAND WORD REM * REM * |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |