Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT2579 Datasheet(PDF) 25 Page - Aeroflex Circuit Technology

Part # CT2579
Description  APPLICATION NOTE 108
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2579 Datasheet(HTML) 25 Page - Aeroflex Circuit Technology

Back Button CT2579 Datasheet HTML 21Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 22Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 23Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 24Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 25Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 26Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 27Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 28Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 29Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
25
APPLICATION NOTE #108
Released 9/98
0 0 1C 00
380
0700
FC7F
SA28
0 0 1C 1F
39F
073E
FC60
0 0 1D 00
3A0
0740
FC5F
SA29
0 0 1D 1F
3BF
077E
FC40
0 0 1E 00
3C0
0780
FC3F
SA30
0 0 1E 1F
3DF
07BE
FC20
RT/RX BC/TX Mode Area - SA 1F (31)
0 0 1F 00
3E0
07C0
FC1F
User
THROUGH
0 0 1F 10
3F0
07E0
FC0F
User
0 0 1F 11
3F1
07E2
FC0E
SYNC WORD
0 0 1F 12
3F2
07E4
FC0D
User
0 0 1F 13
3F3
07E6
FC0C
User
0 0 1F 14
3F4
07E8
FC0B
SELECTED TX SHUTDOWN (0000/0001)
0 0 1F 15
3F5
07EA
FC0A
OVERRIDE SELECTED TX SHUTDOWN (0000/0001)
0 0 1F 16
3F6
07EC
FC09
User
THROUGH
0 0 1F 1F
3FF
07FE
FC00
User
RT/BC Control Area
0 1 00 00
400
0800
FBFF
SELECT RT
0 1 00 01
401
0802
FBFE
SELECT BC
RT/BC Block Transfer Logic (BTL) Control and Self Test Control
0 1 00 02
402
0804
FBFD
RX BTL OFF / TX BTL OFF
0 1 00 03
403
0806
FBFC
RX BTL OFF / TX BTL ON
0 1 00 04
404
0808
FBFB
RX BTL ON / TX BTL OFF
0 1 00 05
405
080A
FBFA
RX BTL ON / TX BTL ON
0 1 00 06
406
080C
FBF9
OFF- LINE Self Test
0 1 00 06
407
080E
FBF8
ON-LINE Self Test
0 1 00 06
408
0810
FBF7
DISABLE Self Test
0 1 00 06
409
0812
FBF6
User
THROUGH
0 1 00 0F
40F
081E
FBF0
User
RT/TX BC/RX Mode Area - SA 00 (0)
0 1 00 10
410
0820
FBEF
VECTOR WORD
0 1 00 11
411
0822
FBDF
User
0 1 00 12
412
0824
FBCF
LAST COMMAND
0 1 00 13
413
0826
FBBF
BIT WORD
0 1 00 14
414
0828
FBAF
User
THROUGH
0 1 00 1F
41F
083E
FBE0
User



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com