| Electronic Components Datasheet Search |
|
CT2579 Datasheet(PDF) 19 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
CT2579 Datasheet(HTML) 19 Page - Aeroflex Circuit Technology |
|
19 / 41 page ![]() 19 APPLICATION NOTE #108 Released 9/98 SELF TEST The self test feature is an internal and external loop back test for additional verification of functionality. This is in addition to the Remote Terminal Wraparound circuitry. The difference is that this test is manual and under subsystem control. The subsystem microprocessor initiates the self test and the subsequent data word pattern. The subsystem then reads back the wrapped data word and determines if it is correct. The online self test must be done with the 1553 data bus quiet. The self test function is enabled or disabled by writing to certain address locations. Reset will disable self test. 0 1 00 06 Enable offline self test and set device status bit 6 0 1 00 07 Enable online self test and set device status bit 7 0 1 00 08 Disable self test When self test is enabled the device is set up as both BC and RT. When self test is disabled the device will revert back to its previous state. BASIC OPERATION The basic operation is for the BC to transmit the message "receive one data word" and for the RT to receive this message. If the online self test is selected the message will be transmitted onto the 1553 bus via the transceivers and be received by the RT via transceivers. The RT will not respond with Status. If the offline self test is selected the transceivers will be inhibited and the Manchester encoder output is routed to the Manchester decoder input. The status of the device may be obtained by reading from 0 0 00 01. Bit 6 is offline self test enabled. Bit 7 is online self test enabled. DETAILED OPERATION 1. Enable self test by writing to either 1 00 06 (offline) or 0 1 00 07 (online). 2. Select required 1553 data bus to be tested by writing to 0 0 00 10 or 0 0 00 18. 3. Write the data word contents required for the self test to the appropriate RAM location ie. For broadcast message: 2(bcast) 01-1E(subaddress) 00(1 word) or normal receive message: 0(rec) 01-1E(subaddress) 00(1 word). 4. Initiate BC to RT transfer of one data word by writing to address 0 00 00 with a data word content of 1F or RTaddr 0(rec) 01-1E(subaddress) 01(1 data word). The following automatic sequence is now initiated: a) The Command word (data word written to location 0 0 00 00) is processed by the BC protocol, transferred to the Manchester encoder and transmitted onto the bus (online self test) or to the Manchester decoder (offline self test). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |