Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8737CLGEFL/R Datasheet(PDF) 40 Page - Wolfson Microelectronics plc

Part # WM8737CLGEFL/R
Description  Stereo ADC with Microphone Preamplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8737CLGEFL/R Datasheet(HTML) 40 Page - Wolfson Microelectronics plc

Back Button WM8737CLGEFL/R Datasheet HTML 32Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 33Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 34Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 35Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 36Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 37Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 38Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 39Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 40Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 40 / 40 page
background image
WM8737L
Production Data
w
PD, Rev 4.4, January 2012
40
REVISION HISTORY
DATE
REV
ORIGINATOR
CHANGES
10/05/11
4.3
BT/JMacD
3D Stereo Enhancement – Note updated.
BT
Removed support for all sample rates below 16kHz
16/01/12
4.4
JMacD
Order codes updated from WM8737LGEFL
and WM8737LGEFL/R to
WM8737CLGEFL and WM8737CLGEFL/R to reflect change to copper wire
bonding.
16/01/12
4.4
JMacD
Package diagram changed to DM101.A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com