Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8737CLGEFL/R Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM8737CLGEFL/R
Description  Stereo ADC with Microphone Preamplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8737CLGEFL/R Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM8737CLGEFL/R Datasheet HTML 3Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 4Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 5Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 6Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 7Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 8Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 9Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 10Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 11Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
Production Data
WM8737L
w
PD, Rev 4.4, January 2012
7
Test Conditions
DCVDD = 1.5V, AVDD = MVDD = 3.3V, TA = +25
oC, 1kHz -1dBFS signal, Normal Power Mode, fs = 48kHz, PGA gain = 0dB, 24-
bit audio data, unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Line Inputs (LINPUT1/2/3, RINPUT1/2/3) to ADC – MIC pre-amp BYPASSED
Full Scale Input Signal Level
(for ADC 0dB Input at 0dB Gain)
AVDD = 3.3V
1.0
V rms
AVDD = 1.8V
0.545
Signal to Noise Ratio
(A-weighted)
(Note 1)
SNR
AVDD = 3.3V,
Normal Power Mode
90
97
dB
AVDD = 2.7V,
Normal Power Mode
95
AVDD = 1.8V,
Normal Power Mode
92
AVDD = 3.3V,
Low Power Mode
95
AVDD = 2.7V,
Low Power Mode
93
AVDD = 1.8V,
Low Power Mode
90
Dynamic Range
(A-weighted)
(Note 2)
DNR
-60dBFS,
Normal Power Mode
90
97
dB
-60dBFS,
Low Power Mode
95
Total Harmonic Distortion
(Note 3)
THD
-1dB input
-84 (0.006%)
dB
%
-1dB input,
AVDD=1.8V
-81 (0.009%)
ADC Channel Separation
(Note 4)
1kHz signal
105
dB
Channel Matching
1kHz signal
0.2
dB
Programmable Gain Amplifier (PGA)
Programmable Gain
-97
0
30
dB
Programmable Gain Step Size
Monotonic
0.5
dB
Gain Error (Deviation from ideal
0.5dB/step gain characteristic)
1kHz signal
-0.3
0.3
dB
Input Resistance
0dB gain
30
k
30dB gain
1.9
Input Capacitance
16.9pF
pF
Automatic Level Control (ALC)
Typical Record Level
-18
-3
dB
Gain Hold Time (Note 5)
tHLD
MCLK = 12.288MHz
(Note 3)
0, 2.67, 5.33, 10.67, … , 43691
(time doubles with each step)
ms
Gain Ramp-Up (Decay) Time
(Notes 6, 7)
tDCY
33.6, 67.2, 134.4, … , 3441
(time doubles with each step)
ms
Gain Ramp-Down (Attack) Time
(Notes 6, 7)
tATK
8.4, 16.8, 33.6, … , 8600
(time doubles with each step)
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com