Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8737CLGEFL/R Datasheet(PDF) 22 Page - Wolfson Microelectronics plc

Part # WM8737CLGEFL/R
Description  Stereo ADC with Microphone Preamplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8737CLGEFL/R Datasheet(HTML) 22 Page - Wolfson Microelectronics plc

Back Button WM8737CLGEFL/R Datasheet HTML 18Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 19Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 20Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 21Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 22Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 23Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 24Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 25Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 26Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
WM8737L
Production Data
w
PD, Rev 4.4, January 2012
22
The ALC function is enabled using the ALCSEL[1:0] control bits in register R12. When enabled, the
recording volume can be programmed between -3dB and -18dB (relative to ADC full scale) using the
ALCL[3:0] register bits in register R12.
R13 and R14 bits HLD[3:0], DCY[3:0] and ATK[3:0] control the hold, decay and attack times,
respectively:
Hold
time is the time delay between the peak level detected being below target and the PGA gain
beginning to ramp up. It can be programmed in power-of-two (2
n) steps, e.g. 2.67ms, 5.33ms,
10.67ms etc. up to 43.7ms. Alternatively, the hold time can also be set to zero. The hold time only
applies to gain ramp-up, there is no delay before ramping the gain down when the signal level is
above target.
Decay time
(Gain Ramp-Up) is the time that it takes for the PGA gain to ramp up across 90% of its
range (e.g. from –15dB up to 25.5 dB). The time it takes for the recording level to return to its target
value therefore depends on both the decay time and on the gain adjustment required. If the gain
adjustment is small, it will be shorter than the decay time. The decay time can be programmed in
power-of-two (2
n) steps, from 33.6ms, 67.2ms, 134.4ms etc. to 34.41s.
Attack time
(Gain Ramp-Down) is the time that it takes for the PGA gain to ramp down across 90% of
its range (e.g. from 25.5dB down to -15dB gain). The time it takes for the recording level to return to
its target value therefore depends on both the attack time and on the gain adjustment required. If the
gain adjustment is small, it will be shorter than the attack time. The attack time can be programmed in
power-of-two (2
n) steps, from 8.4ms, 16.8ms, 33.6ms etc. to 8.6s.
When operating in stereo, the peak detector takes the maximum of left and right channel peak values,
and any new gain setting is applied to both left and right PGAs, so that the stereo image is preserved.
However, the ALC function can also be enabled on one channel only. In this case, only one PGA is
controlled by the ALC mechanism, while the other channel runs independently with its PGA gain set
through the control register.
When one ADC channel is unused or used for dc measurement, the peak detector disregards that
channel. The ALC function can operate in digital mono mix mode (MONOMIX = 10), but not in
analogue mono mix mode (MONOMIX = 01).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com