Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDMIULC6-4F3 Datasheet(PDF) 8 Page - STMicroelectronics

Part # HDMIULC6-4F3
Description  4-line, ultralarge bandwhith ESD protection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HDMIULC6-4F3 Datasheet(HTML) 8 Page - STMicroelectronics

  HDMIULC6-4F3 Datasheet HTML 1Page - STMicroelectronics HDMIULC6-4F3 Datasheet HTML 2Page - STMicroelectronics HDMIULC6-4F3 Datasheet HTML 3Page - STMicroelectronics HDMIULC6-4F3 Datasheet HTML 4Page - STMicroelectronics HDMIULC6-4F3 Datasheet HTML 5Page - STMicroelectronics HDMIULC6-4F3 Datasheet HTML 6Page - STMicroelectronics HDMIULC6-4F3 Datasheet HTML 7Page - STMicroelectronics HDMIULC6-4F3 Datasheet HTML 8Page - STMicroelectronics HDMIULC6-4F3 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Ordering information
HDMIULC6-4F3
8/9
Doc ID 15511 Rev 3
6
Ordering information
Table 3.
Ordering information
7
Revision history
Table 4.
Document revision history
Order code
Marking
Package
Weight
Base qty
Delivery mode
HDMIULC6-4F3
EP
Flip Chip
2.2 mg
10000
Tape and reel (7”)
Date
Revision
Changes
24-Mar-2009
1
First issue.
10-Sept-2009
2
Removed “Electrical characteristics, parameters” table.Updated Table
2. and Table 3.Updated Figure 18.Added dimension in Figure 19.
15-Jan-2013
3
Updated features, Table 1., Table 2.,and Table 3.Updated ESD curves
and added Figure 3., Figure 4.and Figure 7.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com