Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDMIULC6-4F3 Datasheet(PDF) 4 Page - STMicroelectronics

Part # HDMIULC6-4F3
Description  4-line, ultralarge bandwhith ESD protection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HDMIULC6-4F3 Datasheet(HTML) 4 Page - STMicroelectronics

  HDMIULC6-4F3 Datasheet HTML 1Page - STMicroelectronics HDMIULC6-4F3 Datasheet HTML 2Page - STMicroelectronics HDMIULC6-4F3 Datasheet HTML 3Page - STMicroelectronics HDMIULC6-4F3 Datasheet HTML 4Page - STMicroelectronics HDMIULC6-4F3 Datasheet HTML 5Page - STMicroelectronics HDMIULC6-4F3 Datasheet HTML 6Page - STMicroelectronics HDMIULC6-4F3 Datasheet HTML 7Page - STMicroelectronics HDMIULC6-4F3 Datasheet HTML 8Page - STMicroelectronics HDMIULC6-4F3 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Typical application schematic
HDMIULC6-4F3
4/9
Doc ID 15511 Rev 3
2
Typical application schematic
Figure 8.
Implementation with HDMI type C connector
(Mobile Phone)
(TV, flat panel,
monitor, projector)
Multimedia
controller
Multimedia
controller
Gnd
TX2+
TX1-
Gnd
TX1+
TX0-
Gnd
TX0+
TC-
Gnd
TC+
CEC
SCL
SDA
HPD
Gnd
TX2+
TX1-
Gnd
TX1+
TX0-
Gnd
TX0+
TC-
Gnd
TC+
CEC
SCL
SDA
HPD
video
audio
Ctrl /
status
video
audio
Ctrl /
status
V
DD_5V
V
DD_5V
Type C Connector
Pin -
out
Type C Connector
Pin -out
HDMIULC6 -4F3
HDMI05 -
CL02F3
Host
(Mobile Phone)
Display
(TV, flat panel,
monitor, projector)
Multimedia
controller
Multimedia
controller
Gnd
TX2+
TX1-
Gnd
TX1+
TX0-
Gnd
TX0+
TC -
Gnd
TC+
CEC
SCL
SDA
HPD
Gnd
TX2+
TX1-
Gnd
TX1+
TX0-
Gnd
TX0+
TC -
Gnd
TC+
CEC
SCL
SDA
HPD
video
audio
Ctrl /
status
video
audio
Ctrl /
status
V
DD_5V
V
DD_5V
Type C Connector
Pin -
out
Type C connector
Pinout
HDMIULC6 -4F3
HDMI05 -
CL02F3
5V
HPD
HDMIULC6-4F3
B2
D3
D1
C3
C1
A1
A3
F1
F3
100K
4 TMDS channel
HDMI05-CL02F3
CEC
5V
SCL
2 x 1K75
SDA
TMDS DATA2 SHIELD
TMDS DATA1 SHIELD
TMDS DATA0 SHIELD
TMDS CLK SHIELD
TMDS DATA2 +
TMDS DATA2-
TMDS DATA1 +
TMDS DATA1-
TMDS DATA0 +
TMDS DATA0-
TMDS CLK +
TMDS CLK-
DDC / EEC GROUND
CEC
SCL
SDA
RESERVED
+5V POWER
HOT PLUG DETECT
J4
1
2
3
4
5
7
8
9
10
11
12
13
14
16
17
18
19
6
15
27K
VDD_CEC
E2
HDMIULC6-4F3
D3
D1
C3
C1
A1
A3
F1
F3
B2
E2
5V
HPD
HDMIULC6-4F3
B2
D3
D1
C3
C1
A1
A3
F1
F3
100K
4 TMDS channel
HDMI05-CL02F3
CEC
5V
SCL
2 x 1K75
SDA
TMDS DATA2 SHIELD
TMDS DATA1 SHIELD
TMDS DATA0 SHIELD
TMDS CLK SHIELD
TMDS DATA2 +
TMDS DATA2-
TMDS DATA1 +
TMDS DATA1-
TMDS DATA0 +
TMDS DATA0-
TMDS CLK +
TMDS CLK-
DDC / EEC GROUND
CEC
SCL
SDA
RESERVED
+5V POWER
HOT PLUG DETECT
J4
1
2
3
4
5
7
8
9
10
11
12
13
14
16
17
18
19
6
15
27K
VDD_CEC
E2
HDMIULC6-4F3
D3
D1
C3
C1
A1
A3
F1
F3
D3
D1
C3
C1
A1
A3
F1
F3
B2
E2
B2
E2
HDMI
TX2-
TX2-
Gnd
Gnd



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com