Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDMIULC6-4F3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # HDMIULC6-4F3
Description  4-line, ultralarge bandwhith ESD protection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HDMIULC6-4F3 Datasheet(HTML) 3 Page - STMicroelectronics

  HDMIULC6-4F3 Datasheet HTML 1Page - STMicroelectronics HDMIULC6-4F3 Datasheet HTML 2Page - STMicroelectronics HDMIULC6-4F3 Datasheet HTML 3Page - STMicroelectronics HDMIULC6-4F3 Datasheet HTML 4Page - STMicroelectronics HDMIULC6-4F3 Datasheet HTML 5Page - STMicroelectronics HDMIULC6-4F3 Datasheet HTML 6Page - STMicroelectronics HDMIULC6-4F3 Datasheet HTML 7Page - STMicroelectronics HDMIULC6-4F3 Datasheet HTML 8Page - STMicroelectronics HDMIULC6-4F3 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
HDMIULC6-4F3
Characteristics
Doc ID 15511 Rev 3
3/9
Figure 7.
Short pulse measurements (typical value)
Figure 3.
Attenuation measurements
Figure 4.
Analog crosstalk measurements
dB
100k
1M
10M
100M
1G
10G
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
I2 - O2
F (Hz)
100k
1M
10M
100M
1G
10G
- 120
- 110
- 100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
f/Hz
I2 - O3
dB
F (Hz)
Figure 5.
+8 kV ESD response (typical value) Figure 6.
-8 kV ESD response (typical value)
20 V/div
122.9 V
22.8 V
17.9 V
6V
20 ns/div
V : ESD peak voltage
V :clamping voltage @ 30 ns
V :clamping voltage @ 60 ns
PP
CL
CL
V :clamping voltage @ 100 ns
CL
1
1
2
2
3
4
4
3
20 V/div
-88.9 V
3.3 V
-8.6 V
-6.9 V
20 ns/div
V : ESD peak voltage
V :clamping voltage @ 30 ns
V :clamping voltage @ 60 ns
PP
CL
CL
V :clamping voltage @ 100 ns
CL
1
1
2
2
3
4
4
3
0
5
10
15
20
25
0
5
10
15
20
25
30
Reverse
Forward
V
CL(V)
IPP (A)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com