Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDMIULC6-4F3 Datasheet(PDF) 2 Page - STMicroelectronics

Part # HDMIULC6-4F3
Description  4-line, ultralarge bandwhith ESD protection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HDMIULC6-4F3 Datasheet(HTML) 2 Page - STMicroelectronics

  HDMIULC6-4F3 Datasheet HTML 1Page - STMicroelectronics HDMIULC6-4F3 Datasheet HTML 2Page - STMicroelectronics HDMIULC6-4F3 Datasheet HTML 3Page - STMicroelectronics HDMIULC6-4F3 Datasheet HTML 4Page - STMicroelectronics HDMIULC6-4F3 Datasheet HTML 5Page - STMicroelectronics HDMIULC6-4F3 Datasheet HTML 6Page - STMicroelectronics HDMIULC6-4F3 Datasheet HTML 7Page - STMicroelectronics HDMIULC6-4F3 Datasheet HTML 8Page - STMicroelectronics HDMIULC6-4F3 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Characteristics
HDMIULC6-4F3
2/9
Doc ID 15511 Rev 3
1
Characteristics
Figure 2.
Internal circuit schematic (top view)
Table 1.
Absolute maximum ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
VPP
ESD discharge IEC 61000-4-2
Air discharge
Contact discharge
±15
±8
kV
PPP
Peak pulse power dissipation (8/20 µs)
35
W
Tj
Maximum junction temperature
125
°C
Tstg
Storage temperature range
-55 to + 150
°C
Table 2.
Electrical characteristics (Tamb = 25 °C)
Symbol
Parameter
Test condition
Min.
Typ. Max. Unit
VBR
Breakdown voltage
between VBUS and
GND
IR = 1 mA
6
V
IRM
Leakage current
VRM = 3 V
70
nA
CI/O-GND
(1)
1.
CI/O-GND values are given per line and relative to one GND.
Capacitance between
I/O and GND
Vline = 0 V, Vosc = 30 mV,
F = 1 MHz
1.1
1.4
pF
C
I/O-GND
(1) Capacitance variation
between I/O and GND
Vline = 0 V, Vosc = 30 mV,
F = 1 MHz between two lines of the
same lane
0.06
pF
BW
Bandwidth
- 3 dB
5.3
GHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com