Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8953ECS/RV Datasheet(PDF) 44 Page - Wolfson Microelectronics plc

Part # WM8953ECS/RV
Description  Low Power Stereo ADC with PLL and TDM Interface
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8953ECS/RV Datasheet(HTML) 44 Page - Wolfson Microelectronics plc

Back Button WM8953ECS/RV Datasheet HTML 40Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 41Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 42Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 43Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 44Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 45Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 46Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 47Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 48Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 100 page
background image
WM8953
Production Data
w
PD, January 2009, Rev 4.0
44
BUTTON CONTROL
The WM8953 GPIO supports button control detection with full status readback for up to four inputs
(and one IRQ output). All inputs are latched at the IRQ Register, with de-bounce available for normal
operation. De-bouncing may be disabled in order to allow the device to respond to wake-up events
while the processor is disabled and is unable to provide a clock for de-bouncing.
To enable button control and accessory detection, the following register settings are required:
•
LMN3 = 0 (only required if using GPI7)
•
RMN3 = 0 (only required if using GPI8)
•
AIF_TRIS = 0
•
GPIOn_SEL = 0000 for each required GPIO button input
Programmable pull-up and pull-down resistors are available on GPIO3, GPIO4 and GPIO5. These
should be set according to the external circuit configuration. Note that pull-up and pull-down resistors
are not available on the GPI7 and GPI8 input pins. Note that the analogue input paths to GPI7 and
GPI8 must be disabled as described above when using these as digital inputs.
In this application, one or more of the GPIO pins may be configured as an Interrupt event if desired.
This is controlled by the GPIOn_IRQ_ENA bits described in Table 21. The GPIO Pin status fields
contained in the IRQ Register (R18) may be read at any time or else in response to an Interrupt
event. See Table 30 for more details of the Interrupt function.
An example configuration of the button control GPIO function is illustrated in Figure 21.
Figure 21 Example of Button Control Using GPIO Pins
Note:
•
The GPIOs 3, 4, and 5 are referenced to DBVDD
•
The GPIs 7 and 8 are referenced to AVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com