Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8953ECS/RV Datasheet(PDF) 49 Page - Wolfson Microelectronics plc

Part # WM8953ECS/RV
Description  Low Power Stereo ADC with PLL and TDM Interface
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8953ECS/RV Datasheet(HTML) 49 Page - Wolfson Microelectronics plc

Back Button WM8953ECS/RV Datasheet HTML 45Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 46Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 47Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 48Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 49Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 50Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 51Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 52Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 53Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 100 page
background image
Production Data
WM8953
w
PD, January 2009, Rev 4.0
49
INTERRUPT EVENT OUTPUT
An interrupt can be generated by any of the following events described earlier:
•
Button Control input (on GPIO3, GPIO4, GPIO5, GPI7 or GPI8)
•
MICBIAS current / short circuit / accessory detect
•
PLL Lock
•
Temperature Sensor
The interrupt status flag IRQ is asserted when any un-masked Interrupt input is asserted. It is the
OR’d combination of all the un-masked Interrupt inputs. If required, this flag may be inverted using
the IRQ_INV register bit. The GPIO pins can be configured to output the IRQ signal.
The interrupt behaviour is driven by level detection (not edge detection) of the un-masked inputs.
Therefore, if an input remains asserted after the interrupt register has been reset, then the interrupt
status flag IRQ will be triggered again even though no transition has occurred. If edge detection is
required (eg. confirming that the input has been de-asserted), then the polarity inversion may be
used after each event in order to detect each rising and falling edge separately. This is described
further in the “GPIO Summary” section.
The status of the IRQ flag may be read back via the control interface. The status of each GPIO pin
and the internal signals PLL_LCK, TEMPOK, MICSHRT and MICDET may also be read back in the
same way.
The IRQ register (R18) is described in Table 30. The status of the GPIO pins or other Interrupt inputs
can be read back via the read/write bits R18[11:0]. The Interrupt inputs are latched once set. Each
input may be reset by writing a 1 to the appropriate bit. The IRQ bit cannot be reset; it is the OR’d
combination of all other registers and will reset only if R18[11:0] are all 0.
If direct output of the Interrupt signal is required to external pins of the WM8953, the following
register settings are required:
•
AIF_TRIS = 0
•
GPIOn_SEL = 0111 for the selected Interrupt (IRQ) output pin
•
GPIOn_PU = 0 for the selected Interrupt (IRQ) output pin
•
GPIOn_PD = 0 for the selected Interrupt (IRQ) output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com