Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8953ECS/RV Datasheet(PDF) 56 Page - Wolfson Microelectronics plc

Part # WM8953ECS/RV
Description  Low Power Stereo ADC with PLL and TDM Interface
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8953ECS/RV Datasheet(HTML) 56 Page - Wolfson Microelectronics plc

Back Button WM8953ECS/RV Datasheet HTML 52Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 53Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 54Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 55Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 56Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 57Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 58Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 59Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 60Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 100 page
background image
WM8953
Production Data
w
PD, January 2009, Rev 4.0
56
DIGITAL AUDIO INTERFACE
The digital audio interface is used for outputting ADC data from the WM8953. It uses three pins:
•
ADCDAT: ADC data output
•
ADCLRC: ADC data alignment clock
•
BCLK: Bit clock, for synchronisation
The clock signals BCLK and ADCLRC can be outputs when the WM8953 operates as a master, or
inputs when it is a slave (see Master and Slave Mode Operation, below).
Four different audio data formats are supported:
•
Left justified
•
Right justified
•
I2S
•
DSP mode
All four of these modes are MSB first. They are described in Audio Data Formats, below. Refer to the
“Electrical Characteristics” section for timing information.
Time Division Multiplexing (TDM) is available in all four data format modes. The WM8953 can be
programmed to send and receive data in one of two time slots.
PCM operation is supported using the DSP mode.
MASTER AND SLAVE MODE OPERATION
The WM8953 digital audio interface can operate as a master or slave as shown in Figure 29 and
Figure 30.
Figure 29 Master Mode
Figure 30 Slave Mode
The dual Audio Interface approach of the WM8953 has been implemented in such a way that it gives
the user and application as much flexibility as possible. The application needs to be carefully
analysed and the WM8953 configured accordingly. The Audio Interface Output Control is illustrated
in Figure 31.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com