Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8953ECS/RV Datasheet(PDF) 58 Page - Wolfson Microelectronics plc

Part # WM8953ECS/RV
Description  Low Power Stereo ADC with PLL and TDM Interface
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8953ECS/RV Datasheet(HTML) 58 Page - Wolfson Microelectronics plc

Back Button WM8953ECS/RV Datasheet HTML 54Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 55Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 56Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 57Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 58Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 59Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 60Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 61Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 62Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 100 page
background image
WM8953
Production Data
w
PD, January 2009, Rev 4.0
58
Figure 32 TDM with WM8953 as Master
Figure 33 TDM with Other ADC as Master
Figure 34 TDM with Processor as Master
Note:
The WM8953 is a 24-bit device. If the user operates the WM8953 in 32-bit mode then the 8
LSBs are not driven. It is therefore recommended to add a pull-down resistor if necessary to the
ADCDAT line in TDM mode.
BCLK DIVIDE
The BCLK frequency is controlled by BCLK_DIV. The BCLK frequency must be set appropriately to
support the sample rate of the ADC.
Internal clock divide and phase control mechanisms ensure that the BCLK and ADCLRC edges will
occur in a predictable and repeatable position relative to each other and to the data for a given
combination of ADC sample rate and BCLK_DIV settings.
See “Clocking and Sample Rates” section for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com