Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1065ASUZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADM1065ASUZ
Description  Super Sequencer and Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1065ASUZ Datasheet(HTML) 5 Page - Analog Devices

  ADM1065ASUZ Datasheet HTML 1Page - Analog Devices ADM1065ASUZ Datasheet HTML 2Page - Analog Devices ADM1065ASUZ Datasheet HTML 3Page - Analog Devices ADM1065ASUZ Datasheet HTML 4Page - Analog Devices ADM1065ASUZ Datasheet HTML 5Page - Analog Devices ADM1065ASUZ Datasheet HTML 6Page - Analog Devices ADM1065ASUZ Datasheet HTML 7Page - Analog Devices ADM1065ASUZ Datasheet HTML 8Page - Analog Devices ADM1065ASUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
ADM1065
Rev. D | Page 5 of 28
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
PROGRAMMABLE DRIVER OUTPUTS
High Voltage (Charge Pump) Mode
(PDO1 to PDO6)
Output Impedance
500
kΩ
VOH
11
12.5
14
V
IOH = 0 μA
10.5
12
13.5
V
IOH = 1 μA
IOUTAVG
20
μA
2 V < VOH < 7 V
Standard (Digital Output) Mode
(PDO1 to PDO10)
VOH
2.4
V
VPU (pull-up to VDDCAP or VPx) = 2.7 V, IOH = 0.5 mA
4.5
V
VPU to VPx = 6.0 V, IOH = 0 mA
VPU − 0.3
V
VPU ≤ 2.7 V, IOH = 0.5 mA
VOL
0
0.50
V
IOL = 20 mA
IOL2
20
mA
Maximum sink current per PDO pin
ISINK2
60
mA
Maximum total sink for all PDO pins
RPULL-UP
16
20
29
kΩ
Internal pull-up
ISOURCE (VPx)2
2
mA
Current load on any VPx pull-ups, that is, total
source current available through any number of
PDO pull-up switches configured onto any one
VPx pin
Three-State Output Leakage Current
10
μA
VPDO = 14.4 V
Oscillator Frequency
90
100
110
kHz
All on-chip time delays derived from this clock
DIGITAL INPUTS (VXx, A0, A1)
Input High Voltage, VIH
2.0
V
Maximum VIN = 5.5 V
Input Low Voltage, VIL
0.8
V
Maximum VIN = 5.5 V
Input High Current, IIH
−1
μA
VIN = 5.5 V
Input Low Current, IIL
1
μA
VIN = 0 V
Input Capacitance
5
pF
Programmable Pull-Down Current,
IPULL-DOWN
20
μA
VDDCAP = 4.75 V, TA = 25°C if known logic state
is required
SERIAL BUS DIGITAL INPUTS (SDA, SCL)
Input High Voltage, VIH
2.0
V
Input Low Voltage, VIL
0.8
V
Output Low Voltage, VOL2
0.4
V
IOUT = −3.0 mA
SERIAL BUS TIMING3
Clock Frequency, fSCLK
400
kHz
Bus Free Time, tBUF
1.3
μs
Start Setup Time, tSU;STA
0.6
μs
Stop Setup Time, tSU;STO
0.6
μs
Start Hold Time, tHD;STA
0.6
μs
SCL Low Time, tLOW
1.3
μs
SCL High Time, tHIGH
0.6
μs
SCL, SDA Rise Time, tR
300
ns
SCL, SDA Fall Time, tF
300
ns
Data Setup Time, tSU;DAT
100
ns
Data Hold Time, tHD;DAT
5
ns
Input Low Current, IIL
1
μA
VIN = 0 V
SEQUENCING ENGINE TIMING
State Change Time
10
μs
1 At least one of the VH, VPx pins must be ≥3.0 V to maintain the device supply on VDDCAP.
2 Specification is not production tested but is supported by characterization data at initial product release.
3 Timing specifications are guaranteed by design and supported by characterization data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com