Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1065ASUZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADM1065ASUZ
Description  Super Sequencer and Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1065ASUZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADM1065ASUZ Datasheet HTML 7Page - Analog Devices ADM1065ASUZ Datasheet HTML 8Page - Analog Devices ADM1065ASUZ Datasheet HTML 9Page - Analog Devices ADM1065ASUZ Datasheet HTML 10Page - Analog Devices ADM1065ASUZ Datasheet HTML 11Page - Analog Devices ADM1065ASUZ Datasheet HTML 12Page - Analog Devices ADM1065ASUZ Datasheet HTML 13Page - Analog Devices ADM1065ASUZ Datasheet HTML 14Page - Analog Devices ADM1065ASUZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
ADM1065
Rev. D | Page 11 of 28
POWERING THE ADM1065
The ADM1065 is powered from the highest voltage input on either
the positive-only supply inputs (VPx) or the high voltage supply
input (VH). This technique offers improved redundancy because
the device is not dependent on any particular voltage rail to keep it
operational. The same pins are used for supply fault detection
(see the Supply Supervision section). A VDD arbitrator on the
device chooses which supply to use. The arbitrator can be
considered an OR’ing of five low dropout regulators (LDOs)
together. A supply comparator chooses the highest input to
provide the on-chip supply. There is minimal switching loss with
this architecture (~0.2 V), resulting in the ability to power the
ADM1065 from a supply as low as 3.0 V. Note that the supply on
the VXx pins cannot be used to power the device.
An external capacitor to GND is required to decouple the on-chip
supply from noise. This capacitor should be connected to the
VDDCAP pin, as shown in Figure 15. The capacitor has another
use during brownouts (momentary loss of power). Under these
conditions, when the input supply (VPx or VH) dips transiently
below VDD, the synchronous rectifier switch immediately turns
off so that it does not pull VDD down. The VDD capacitor can
then act as a reservoir to keep the device active until the next
highest supply takes over the powering of the device. A 10 μF
capacitor is recommended for this reservoir/decoupling function.
The VH input pin can accommodate supplies up to 14.4 V, which
allows the ADM1065 to be powered using a 12 V backplane supply.
In cases where this 12 V supply is hot swapped, it is recommended
that the ADM1065 not be connected directly to the supply. Suitable
precautions, such as the use of a hot swap controller, should be
taken to protect the device from transients that could cause
damage during hot swap events.
When two or more supplies are within 100 mV of each other,
the supply that first takes control of VDD keeps control. For
example, if VP1 is connected to a 3.3 V supply, VDD powers up
to approximately 3.1 V through VP1. If VP2 is then connected
to another 3.3 V supply, VP1 still powers the device unless VP2
goes 100 mV higher than VP1.
SUPPLY
COMPARATOR
IN
EN
OUT
4.75V
LDO
IN
EN
OUT
4.75V
LDO
IN
EN
OUT
4.75V
LDO
IN
EN
OUT
4.75V
LDO
IN
EN
OUT
4.75V
LDO
VH
VP4
VP3
VP2
VP1
VDDCAP
INTERNAL
DEVICE
SUPPLY
Figure 15. VDD Arbitrator Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com