Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1065ASUZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADM1065ASUZ
Description  Super Sequencer and Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1065ASUZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADM1065ASUZ Datasheet HTML 10Page - Analog Devices ADM1065ASUZ Datasheet HTML 11Page - Analog Devices ADM1065ASUZ Datasheet HTML 12Page - Analog Devices ADM1065ASUZ Datasheet HTML 13Page - Analog Devices ADM1065ASUZ Datasheet HTML 14Page - Analog Devices ADM1065ASUZ Datasheet HTML 15Page - Analog Devices ADM1065ASUZ Datasheet HTML 16Page - Analog Devices ADM1065ASUZ Datasheet HTML 17Page - Analog Devices ADM1065ASUZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
ADM1065
Rev. D | Page 14 of 28
OUTPUTS
SUPPLY SEQUENCING THROUGH
CONFIGURABLE OUTPUT DRIVERS
The data driving each of the PDOs can come from one of three
sources. The source can be enabled in the PDOxCFG configu-
ration register (see the AN-698 Application Note for details).
Supply sequencing is achieved with the ADM1065 using the
programmable driver outputs (PDOs) on the device as control
signals for supplies. The output drivers can be used as logic
enables or as FET drivers.
The data sources are as follows:
•
Output from the SE.
•
Directly from the SMBus. A PDO can be configured so that
the SMBus has direct control over it. This enables software
control of the PDOs. Therefore, a microcontroller can be
used to initiate a software power-up/power-down sequence.
The sequence in which the PDOs are asserted (and, therefore,
the supplies are turned on) is controlled by the sequencing engine
(SE). The SE determines what action is taken with the PDOs,
based on the condition of the ADM1065 inputs. Therefore, the
PDOs can be set up to assert when the SFDs are in tolerance, the
correct input signals are received on the VXx digital pins, no
warnings are received from any of the inputs of the device, and at
other times. The PDOs can be used for a variety of functions. The
primary function is to provide enable signals for LDOs or dc-to-dc
converters that generate supplies locally on a board. The PDOs
can also be used to provide a PWRGD signal when all the SFDs
are in tolerance or a RESET output if one of the SFDs goes out
of specification (this can be used as a status signal for a DSP, FPGA,
or other microcontroller).
•
On-chip clock. A 100 kHz clock is generated on the device.
This clock can be made available on any of the PDOs. It can be
used, for example, to clock an external device such as an LED.
DEFAULT OUTPUT CONFIGURATION
All of the internal registers in an unprogrammed ADM1065
device from the factory are set to 0. Because of this, the PDOx pins
are pulled to GND by a weak (20 kΩ) on-chip pull-down resistor.
As the input supply to the ADM1065 ramps up on VPx or VH,
all PDOx pins behave as follows:
•
Input supply = 0 V to 1.2 V. The PDOs are high impedance.
The PDOs can be programmed to pull up to a number of different
options. The outputs can be programmed as follows:
•
Input supply = 1.2 V to 2.7 V. The PDOs are pulled to
GND by a weak (20 kΩ) on-chip pull-down resistor.
•
Supply > 2.7 V. Factory programmed devices continue to pull
all PDOs to GND by a weak (20 kΩ) on-chip pull-down
resistor. Programmed devices download current EEPROM
configuration data, and the programmed setup is latched. The
PDO then goes to the state demanded by the configuration.
This provides a known condition for the PDOs during
power-up.
•
Open drain (allowing the user to connect an external pull-
up resistor).
•
Open drain with weak pull-up to VDD.
•
Open drain with strong pull-up to VDD.
•
Open drain with weak pull-up to VPx.
•
Open drain with strong pull-up to VPx.
•
Strong pull-down to GND.
The internal pull-down can be overdriven with an external pull-
up of suitable value tied from the PDOx pin to the required pull-up
voltage. The 20 kΩ resistor must be accounted for in calculating
a suitable value. For example, if PDOx must be pulled up to 3.3 V,
and 5 V is available as an external supply, the pull-up resistor
value is given by
•
Internally charge-pumped high drive
(12 V, PDO1 to PDO6 only).
The last option (available only on PDO1 to PDO6) allows the
user to directly drive a voltage high enough to fully enhance an
external N-FET, which is used to isolate, for example, a card-
side voltage from a backplane supply (a PDO can sustain greater
than 10.5 V into a 1 μA load). The pull-down switches can also
be used to drive status LEDs directly.
3.3 V = 5 V × 20 kΩ/(RUP + 20 kΩ)
Therefore,
RUP = (100 kΩ − 66 kΩ)/3.3 V = 10 kΩ
PDO
SE DATA
CFG4 CFG5 CFG6
SMBus DATA
CLK DATA
VP1
SEL
VP4
VDD
VFET (PDO1 TO PDO6 ONLY)
Figure 19. Programmable Driver Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com