Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1065ASUZ Datasheet(PDF) 23 Page - Analog Devices

Part # ADM1065ASUZ
Description  Super Sequencer and Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1065ASUZ Datasheet(HTML) 23 Page - Analog Devices

Back Button ADM1065ASUZ Datasheet HTML 19Page - Analog Devices ADM1065ASUZ Datasheet HTML 20Page - Analog Devices ADM1065ASUZ Datasheet HTML 21Page - Analog Devices ADM1065ASUZ Datasheet HTML 22Page - Analog Devices ADM1065ASUZ Datasheet HTML 23Page - Analog Devices ADM1065ASUZ Datasheet HTML 24Page - Analog Devices ADM1065ASUZ Datasheet HTML 25Page - Analog Devices ADM1065ASUZ Datasheet HTML 26Page - Analog Devices ADM1065ASUZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
ADM1065
Rev. D | Page 23 of 28
SMBus PROTOCOLS FOR RAM AND EEPROM
The ADM1065 contains volatile registers (RAM) and nonvolatile
registers (EEPROM). User RAM occupies Address 0x00 to
Address 0xDF; the EEPROM occupies Address 0xF800 to
Address 0xFBFF.
Data can be written to and read from both the RAM and the
EEPROM as single data bytes. Data can be written only to
unprogrammed EEPROM locations. To write new data to
a programmed location, the location contents must first be
erased. EEPROM erasure cannot be done at the byte level. The
EEPROM is arranged as 32 pages of 32 bytes each, and an entire
page must be erased.
Page erasure is enabled by setting Bit 2 in the UPDCFG register
(Address 0x90) to 1. If this bit is not set, page erasure cannot
occur, even if the command byte (0xFE) is programmed across
the SMBus.
WRITE OPERATIONS
The SMBus specification defines several protocols for different
types of read and write operations. The following abbreviations
are used in Figure 29 to Figure 37:
•
S = Start
•
P = Stop
•
R = Read
•
W = Write
•
A = Acknowledge
•
A = No acknowledge
The ADM1065 uses the following SMBus write protocols.
Send Byte
In a send byte operation, the master device sends a single
command byte to a slave device, as follows:
1.
The master device asserts a start condition on SDA.
2.
The master sends the 7-bit slave address followed by
the write bit (low).
3.
The addressed slave device asserts an acknowledge (ACK)
on SDA.
4.
The master sends a command code.
5.
The slave asserts an ACK on SDA.
6.
The master asserts a stop condition on SDA and
the transaction ends.
In the ADM1065, the send byte protocol is used for two purposes:
•
To write a register address to the RAM for a subsequent
single byte read from the same address or for a block read
or a block write starting at that address, as shown in Figure 29.
24
13
5
SLAVE
ADDRESS
RAM
ADDRESS
(0x00 TO 0xDF)
SW
A
A
6
P
Figure 29. Setting a RAM Address for Subsequent Read
•
To erase a page of EEPROM memory. EEPROM memory
can be written to only if it is unprogrammed. Before writing
to one or more EEPROM memory locations that are already
programmed, the page(s) containing those locations must
first be erased. EEPROM memory is erased by writing a
command byte.
The master sends a command code telling the slave device to
erase the page. The ADM1065 command code for a page
erasure is 0xFE (1111 1110). Note that for a page erasure to
take place, the page address must be given in the previous
write word transaction (see the Write Byte/Word section).
In addition, Bit 2 in the UPDCFG register (Address 0x90)
must be set to 1.
24
13
SLAVE
ADDRESS
COMMAND
BYTE
(0xFE)
SW
A
A
5
6
P
Figure 30. EEPROM Page Erasure
As soon as the ADM1065 receives the command byte,
page erasure begins. The master device can send a stop
command as soon as it sends the command byte. Page
erasure takes approximately 20 ms. If the ADM1065 is
accessed before erasure is complete, it responds with
a no acknowledge (NACK).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com