Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM2422 Datasheet(PDF) 3 Page - Power Analog Micoelectronics

Part # PAM2422
Description  3A,4.5A,5.5A PWM Step-Up DC/DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2422 Datasheet(HTML) 3 Page - Power Analog Micoelectronics

  PAM2422 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2422 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2422 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2422 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2422 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2422 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2422 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2422 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2422 Datasheet HTML 9Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Pin Descriptions
Pin Number
Name
Function
1
PGND
Power Ground
2
IN
Supply Input.
3
EN
Enable Control. Connect to a logic high level to enable the IC. Connect to a logic low level
to disable the IC. When unused, connect EN pin to IN (do not leave pin floating).
4
COMP
Error Amplifier Compensation Node.
5
AGND
Analog Ground
6
FB
Feedback Input. Connect this pin a res istor divider from the output to set the output
voltage. FB is regulated to 1.262V.
7
SS
Sof t Start Control Input. Connect a capacitor from this pin to Ground to set soft-start
timing duration. SS is discharged to ground in shutdown. SS may be left unconnected if
soft start is not desired.
8
SW
Switch Output. Connec t this pin to the inductor and the schottky diode. To minimize E MI,
minimize the PCB trace path between this pin and the input bypass capac itor.
E xposed
PAD
Connected to gound
3
Absolute Maximum Ratings
These are stress ratings only and functional operation is not implied
Exposure to absolute
maximum ratings for prolonged time periods may affect device reliability
All voltages are with
respect to ground
.
.
.
SW to Ground...................................
VIN, EN, FB, SS, COMP to Ground........................
......................................................
...................................................
.........
..........
–0.3V to 28V
–0.3V to 6.5V
Continuous SW Current..............Internally Limited
Operating Temperature Range.............................
–40 C to 150 C
Storage Temperature Range
–55 C to 150 C
Lead Temperature (Soldering, 10 sec)
300 C
Recommended Operating Conditions
Junction Temperature
40
to 125
-
...................
.....................
℃
℃
-
℃
℃
Ambient Temperature
40
to 85
Thermal Information
Parameter
Package
Symbol
Maximum
Unit
Thermal Resistance
(Junction to Case)
SOP-8(EP )
θ
JC
75
Thermal Resistance
(Junction to Ambient)
SOP-8(EP )
θ
JA
180
℃/W
,
Power Analog Microelectronics Inc
www.poweranalog.com
02/2012 Rev1.1
PAM2421,PAM2422,PAM2423
3A,4.5A,5.5A PWM Step-Up DC/DC Converter



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com