Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM2422 Datasheet(PDF) 5 Page - Power Analog Micoelectronics

Part # PAM2422
Description  3A,4.5A,5.5A PWM Step-Up DC/DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2422 Datasheet(HTML) 5 Page - Power Analog Micoelectronics

  PAM2422 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2422 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2422 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2422 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2422 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2422 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2422 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2422 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2422 Datasheet HTML 9Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Typical Operating Characteristics
At T =25
A
C ,V =V =5V,V
=0V,unless otherwise specified.
IN
EN
FREQ
5
,
Power Analog Microelectronics Inc
www.poweranalog.com
02/2012 Rev1.1
Efficiency vs Input Voltage (Vo=12V)
Efficiency vs Input Voltage (Vo=15V)
Efficiency vs Output Current (Vo=12V)
Efficiency vs Output Current (Vo=15V)
0 %
10 %
20 %
30 %
40 %
50 %
60 %
70 %
80 %
90 %
100 %
1
10
100
10 00
Lo ad Cu rren t (mA)
Vin=3.6V
Vin=4.2V
Vin=5V
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
1
1 0
100
1 000
Lo ad Current (m A)
Vin=3 .6V
Vin=4 .2V
Vin=5 V
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
3
3.5
4
4.5
5
5. 5
Inpu t Voltage (V)
1mA
10mA
100mA
500mA
1A
0 %
10 %
20 %
30 %
40 %
50 %
60 %
70 %
80 %
90 %
1 00 %
3
3 .5
4
4 .5
5
5 .5
Inp ut Vo lta ge (V)
1mA
10mA
100m A
500m A
PAM2421,PAM2422,PAM2423
3A,4.5A,5.5A PWM Step-Up DC/DC Converter
Efficiency vs Output Current (Vo=5V)
Efficiency vs Input Voltage (Vo=5V)
0 %
1 0 %
2 0 %
3 0 %
4 0 %
5 0 %
6 0 %
7 0 %
8 0 %
9 0 %
10 0 %
1
1 0
1 0 0
10 00
10 0 00
O ut pu t Cu rre nt (mA )
V in=2 . 7V
V in=3 . 6V
V in=4 . 2V
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
1 00%
2. 5
3
3 .5
4
4.5
5
Inp ut Vo lt ag e(V )
Io= 1m A
Io= 10 mA
Io= 10 0m A
Io= 50 0m A
Io= 1A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com