Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM2422 Datasheet(PDF) 6 Page - Power Analog Micoelectronics

Part # PAM2422
Description  3A,4.5A,5.5A PWM Step-Up DC/DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2422 Datasheet(HTML) 6 Page - Power Analog Micoelectronics

  PAM2422 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2422 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2422 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2422 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2422 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2422 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2422 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2422 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2422 Datasheet HTML 9Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Typical Operating Characteristics
At T =25
A
C ,V =V =5V,V
=0V,unless otherwise specified.
IN
EN
FREQ
6
,
Power Analog Microelectronics Inc
www.poweranalog.com
02/2012 Rev1.1
Output Voltage vs Output Current (Vo=12V)
Output Voltage vs Output Current (Vo=15V)
PAM2421,PAM2422,PAM2423
3A,4.5A,5.5A PWM Step-Up DC/DC Converter
1 0
1 0 .5
1 1
1 1 .5
1 2
1 2 .5
0
2 00
40 0
6 00
80 0
1 00 0
Lo a d Curre nt (mA )
V in= 4. 2V
V in= 5V
13
13.5
14
14.5
15
15.5
0
20 0
400
600
800
1000
L oad C urre nt (mA)
Vin= 3. 6V
Vin= 4. 2V
Vin= 5V
Quiescent Current (V
=1.4V)
FB
Quiescent Current (V
=1.0V)
FB
0
0.05
0.1
0.15
0.2
0.25
2
3
4
5
6
In put Voltage(V)
0
0. 5
1
1. 5
2
2. 5
3
3. 5
4
2
3
4
5
6
Inp u t Vo lta ge (V)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com