Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM2422 Datasheet(PDF) 7 Page - Power Analog Micoelectronics

Part # PAM2422
Description  3A,4.5A,5.5A PWM Step-Up DC/DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2422 Datasheet(HTML) 7 Page - Power Analog Micoelectronics

  PAM2422 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2422 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2422 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2422 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2422 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2422 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2422 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2422 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2422 Datasheet HTML 9Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
Application Information
The PAM242x are highly efficient step -up DC/DC
converters that employ a currentmode,fixed
f r e q u e n c y p u l s e - w i d t h m o d u l a t i o n ( P W M )
a r c h i t e c t u r e w i t h e x c e l l e n t l i n e a n d l o a d
regulation.The
operate at constant
switching frequency under medium to high load
current conditions. At light loads, these devices
operate in a pulse-skipping mode in order to
improve light-load efficiency.
The
both offer a programmable soft-
start function which minimizes inrush current
d u r i n g s t a r t u p . T h e
s o f t - s t a r t
p e r i o d
i s
programmed by connecting a 10nF capacitor
between SS and Ground. Operation of the soft-
start function is as follows: when the IC is
disabled, SS is actively discharged to Ground.
Upon enabling the IC, CSS is charged with a
4.5 A current so that the voltage at SS increases
in a controlled manner. The peak inductor current
is limited by the voltage at SS, so that the input
current is limited until the soft-start period
expires, and the regulator can achieve its full
output current rating.
The
both feature external adjustable
output voltages of up to 24V. To program the
outp ut vo ltage , sim ply con nect a resistive
voltage divider between the output, FB, and
G N D , w i t h r e s ist o r s s e t a cc o rd i n g t o t h e
following equation:
Where VFB is 1.262V.
For optimal performance, the rectifier should be
a Schottky rectifier that is rated to handle both
the output voltage as well as the peak switch
current.
The
features internal automatic over-
voltage protection, when feedback voltage is
higher than 115%.
Once the outputs achieve regulation, if the
voltage at FB falls below 0.2V the controller will
automatically disable, preventing the controller
f r o m
r u n n i n g
o p e n - l o o p
a n d
p o t e n t i a l l y
damaging the IC and load.
Drive EN low to disable the IC and reduce the
su p p ly c u rr e n t t o j u st 0 . 1 A . As w i th a l l
nonsynchronous step-up DC/DC converters, the
external Schottky diode provides a DC path from
the input to the output in shutdown. As a result,
the output drops to one diode voltage drop below
the input in shutdown.
The
both feature integrated thermal
o v e r l o a d
p r o t e c t i o n .
B o t h
d e v i c e s
a r e
a ut o ma tica lly d isab le d wh e n t he ir jun ctio n
temperatures exceed 160°C, and automatically
re-enable when the die temperature decreases
by 40°C.
PAM242x
PAM242x
PAM242x
PAM242x
PAM242x
Soft-Start
Setting the Output Voltage
Rectifier Selection
Over Voltage Protection
Open Protection
Shutdown
Thermal Shutdown
μ
μ
,
Power Analog Microelectronics Inc
www.poweranalog.com
02/2012 Rev1.1
PAM2421,PAM2422,PAM2423
3A,4.5A,5.5A PWM Step-Up DC/DC Converter



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com