Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP47DA1 Datasheet(PDF) 37 Page - Microchip Technology

Part # MCP47DA1
Description  6-Bit Windowed Volatile DAC with Command Code
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47DA1 Datasheet(HTML) 37 Page - Microchip Technology

Back Button MCP47DA1 Datasheet HTML 33Page - Microchip Technology MCP47DA1 Datasheet HTML 34Page - Microchip Technology MCP47DA1 Datasheet HTML 35Page - Microchip Technology MCP47DA1 Datasheet HTML 36Page - Microchip Technology MCP47DA1 Datasheet HTML 37Page - Microchip Technology MCP47DA1 Datasheet HTML 38Page - Microchip Technology MCP47DA1 Datasheet HTML 39Page - Microchip Technology MCP47DA1 Datasheet HTML 40Page - Microchip Technology MCP47DA1 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 76 page
background image
 2012-2013 Microchip Technology Inc.
DS25118D-page 37
MCP47DA1
5.3
Serial Commands
The
MCP47DA1
devices
support
two
serial
commands. These commands are:
• Write Operation
• Read Operation
The I2C command formats have been defined to
support the SMBus version 2.0 Write Byte/Word
Protocol formats and Read Byte/Word Protocol
formats. The SMBus specification that defines this
operation is Section 5 of the Version 2.0 document
(August 3, 2000).
This protocol format may be convenient for customers
using library routines for the I2C bus, where all they
need to do is specify the command (Read, Write, ...)
with the device address, the register address, and the
data.
5.3.1
WRITE OPERATION
The write operation requires the Start condition, control
byte, acknowledge, command code, acknowledge,
data byte, acknowledge and Stop (or Restart) condi-
tion. The control (slave address) byte requires the R/W
bit equal to a logic zero (R/W = 0) to generate a write
sequence. The MCP47DA1 is responsible for generat-
ing the Acknowledge (A) bits.
Data is written to the MCP47DA1 after every byte
transfer (during the A bit). If a Stop or Restart condition
is generated during a data transfer (before the A bit),
the data will not be written to MCP47DA1.
Data bytes may be written after each Acknowledge.
The command is terminated once a Stop (P) condition
occurs. Refer to Figure 5-11 for the single byte write
sequence and Figure 5-12 for the generic (multi-byte)
write sequence. For a single byte write, the master
sends a Stop or Restart condition after the first data
byte is sent.
The MSb of each data byte is a “Don’t Care”, since the
wiper register is only 7-bits wide.
The command is terminated once a Stop (P) or Restart
(S) condition occurs.
Figure 5-13 shows the I2C write communication
behavior of the master device and the MCP47DA1
device and the resultant I2C bus values.
5.3.2
READ OPERATION
The read operation requires the Start condition, control
byte, acknowledge, command code, acknowledge,
Restart condition, control byte, acknowledge, data
byte, the master generating the A and Stop (or Restart)
condition. The first control byte requires the R/W bit
equal to a logic zero (R/W = 0) to write the command
code, while the second control byte requires the R/W
bit equal to a logic one (R/W = 1) to generate a read
sequence. The MCP47DA1 will A the slave address
byte and A all the data bytes. The I2C master will A the
slave address byte and the last data byte. If there are
multiple data bytes, the I2C master will A all data bytes
except the last data byte (which it will A).
The MCP47DA1 maintains control of the SDA signal
until all data bits have been clocked out.
The command is terminated once a Stop (P) or Restart
(S) condition occurs. Refer to Figure 5-14 for the read
command sequence. For a single read, the master
sends a Stop or Restart condition after the first data
byte (and A bit) is sent from the slave.
The MSb of each data byte is always a ‘0’, since the
wiper register is only 7-bits wide.
Figure 5-15 shows the I2C read communication
behavior of the master device and the MCP47DA1
device and the resultant I2C bus values.
Note:
A command code with a non-zero value
will cause the data not to be written to the
wiper register
Note:
A command code with a non-zero value
will cause the data not to be read from the
wiper register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com