Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP47DA1 Datasheet(PDF) 43 Page - Microchip Technology

Part # MCP47DA1
Description  6-Bit Windowed Volatile DAC with Command Code
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47DA1 Datasheet(HTML) 43 Page - Microchip Technology

Back Button MCP47DA1 Datasheet HTML 39Page - Microchip Technology MCP47DA1 Datasheet HTML 40Page - Microchip Technology MCP47DA1 Datasheet HTML 41Page - Microchip Technology MCP47DA1 Datasheet HTML 42Page - Microchip Technology MCP47DA1 Datasheet HTML 43Page - Microchip Technology MCP47DA1 Datasheet HTML 44Page - Microchip Technology MCP47DA1 Datasheet HTML 45Page - Microchip Technology MCP47DA1 Datasheet HTML 46Page - Microchip Technology MCP47DA1 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 76 page
background image
 2012-2013 Microchip Technology Inc.
DS25118D-page 43
MCP47DA1
6.4
Serial Buffer to Wiper Register
Decode
The I2C’s data byte is 8-bits, where only the lower 7-bits
are implemented. This register is called the Serial Shift
Register (SSR). The wiper register supports address-
ing of 65 taps (6-bit resolution). This 6-bit resolution is
centered about the 7-bit range (where 40h is mid-
scale). So, SSR values 20h and below are zero-scale
values, and SSR values 60h and above are full-scale
values. Table 6-1 shows the decoding of the serial shift
register to the wiper register value.
TABLE 6-1:
SERIAL SHIFT REGISTER
VALUE TO WIPER VALUE
6.5
Resistor Variations
(Voltage and Temperature)
The R1, RAB, and R2 resistors are implemented to have
minimal variations (by design). Any variations should
occur uniformly on all the resistor elements, so the
resistor’s elements will track each other over tempera-
ture and process variations.
The variation of the resistive elements over the operat-
ing voltage range is also minimal. Therefore the VREF
resistance (RVREF) of the device has minimal variation
due to operating voltage.
Since the VOUT pin’s voltage is ratiometric, the resistive
elements change uniformly over temperature, process,
and operating voltage variations. Minimal variation
should be seen on the VOUT pin’s voltage.
6.6
POR Value
A POR/BOR event will load the volatile serial shift
register (and therefore wiper register) with the default
value. Table 6-2 shows the default values offered.
TABLE 6-2:
POR/BOR SETTINGS
Note 1: The I2C Write and Read commands
access the value in the Serial Shift Reg-
ister (SSR).
2: The MSb of the I2C data byte is ignored
and not loaded into the SSR. A write of
C0h, will result in the same VOUT voltage
as a write of 40h (mid-scale). A subse-
quent Read command (of the SSR) will
result in a value of 40h.
3: The 7-bit SSR value is decoded to a 6-bit
(65 taps) value that controls the wiper’s
position.
I2C™ Write
Data
SSR(1)
Wiper
Value(2)
Comment
00h - 20h or
80h - A0h
00h -
20h
00h
Wiper register at
Zero Scale,
VOUT = (1/3) * VREF
21h or A1h
21h
01h
Wiper register =
SSR - 20h
22h or A2h
22h
02h
Wiper register =
SSR - 20h
::
:
40h or C0h
40h
20h
Mid-Scale (POR
value),
VOUT = (1/2) * VREF
::
:
5Eh or DEh
5Eh
3Eh
Wiper register =
SSR - 20h
5Fh or DFh
5Fh
3Fh
Wiper register =
SSR - 20h
60h - 7Fh or
E0h - FFh
60h -
7Fh
40h
Wiper register at
Full Scale,
VOUT = (2/3) * VREF
Note 1: The Serial Shift Register (SSR) is 7-bits
wide and holds the value written from the
I2C Write command. An I2C Read com-
mand will read the value in this register.
2: The wiper value is the value that controls
the resistor ladder’s wiper position.
Device
Setting
Register Value (1)
SSR
Wiper
MCP47DA1
Mid-scale
40h
20h
Note 1: Custom POR/BOR wiper setting options
are available; contact the local Microchip
Sales Office for additional information.
Custom options have NRE and minimum
volume requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com