Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP47DA1 Datasheet(PDF) 47 Page - Microchip Technology

Part # MCP47DA1
Description  6-Bit Windowed Volatile DAC with Command Code
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47DA1 Datasheet(HTML) 47 Page - Microchip Technology

Back Button MCP47DA1 Datasheet HTML 43Page - Microchip Technology MCP47DA1 Datasheet HTML 44Page - Microchip Technology MCP47DA1 Datasheet HTML 45Page - Microchip Technology MCP47DA1 Datasheet HTML 46Page - Microchip Technology MCP47DA1 Datasheet HTML 47Page - Microchip Technology MCP47DA1 Datasheet HTML 48Page - Microchip Technology MCP47DA1 Datasheet HTML 49Page - Microchip Technology MCP47DA1 Datasheet HTML 50Page - Microchip Technology MCP47DA1 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 76 page
background image
 2012-2013 Microchip Technology Inc.
DS25118D-page 47
MCP47DA1
7.1.3
AMPLIFIER INPUT VOLTAGE (VW)
The input voltage into the Output Amplifier has require-
ments to ensure the input is in the linear range of the
amplifier.
To ensure that the amplifier is operating in its linear
range, the amplifier’s input voltage (VW) has some
requirements that must be met.
For device VDD voltages  3.0V, the amplifier is in the
linear region for all VREF voltages ( 1.0V) and DAC
register codes.
For device VDD voltages < 3.0V, then the interaction
between the device VDD and the amplifier input voltage
(VW) need to be taken into account. The VW voltage is
dependent on the VREF voltage and the DAC register
code. Here is the amplifier requirement that must be
met:
VW  (VDD - 1.0V) / (2/3)
If VREF = VDD and VOUT will have full-scale output,
then:
VREF  (VDD - 1.0V) / (2/3)
Table 7-2 shows the maximum VREF voltage (for VDD <
3.0V) if the DAC output (VOUT) will operate over the full
range of DAC register codes.
TABLE 7-2:
VREF VDD AND FULL-SCALE
OUTPUT
Table 7-3 shows the maximum DAC register code
when the VREF pin is tied to the VDD voltage (for VDD <
3.0V). For DAC register codes above this, the VOUT lin-
earity may be degraded (out of specification).
TABLE 7-3:
VREF = VDD AND NOT
FULL-SCALE OUTPUT
The VREF pin voltage and the maximum DAC register
code can be optimized between the maximum DAC
register code desired and the VREF pin voltage. So
when the VREF voltage < VDD voltage < 3.0V, then the
DAC register code can be some value greater than the
code shown in Table 7-3. Figure 7-2 shows the equa-
tions for solving for VOUT voltage, the VREF voltage, or
the maximum DAC register code, based on knowing
the requirements for two of these variables. The DAC
register code of 64 is the full-scale code, and any
number greater than 64 is invalid.
FIGURE 7-2:
Solving for VOUT, VREF, or
DAC Register Code.
VDD
VREF Comment
3.0
3.00
VREF pin can be tied to VDD pin
2.7
2.55
2.5
2.25
2.2
1.80
2.0
1.50
1.8
1.20
VDD =
VREF
VW
Max DAC
Register
Code
Comment
3.0
3.00
60h-FFh
This is Full Scale
2.7
2.55
58h
2.5
2.25
53h
2.2
1.80
48h
2.0
1.50
40h
1.8
1.20
35h
VOUT =
*
2 * VREF
3
DAC Code
64
VREF =
3 * VOUT
+ 1
DAC Code
64
DAC Code = 64 *
3 * VOUT
2 * VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com