Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7953ACPZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADE7953ACPZ
Description  Single Phase, Multifunction Metering IC with Neutral Current Measurement
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7953ACPZ Datasheet(HTML) 4 Page - Analog Devices

  ADE7953ACPZ Datasheet HTML 1Page - Analog Devices ADE7953ACPZ Datasheet HTML 2Page - Analog Devices ADE7953ACPZ Datasheet HTML 3Page - Analog Devices ADE7953ACPZ Datasheet HTML 4Page - Analog Devices ADE7953ACPZ Datasheet HTML 5Page - Analog Devices ADE7953ACPZ Datasheet HTML 6Page - Analog Devices ADE7953ACPZ Datasheet HTML 7Page - Analog Devices ADE7953ACPZ Datasheet HTML 8Page - Analog Devices ADE7953ACPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 68 page
background image
ADE7953
Data Sheet
Rev. A | Page 4 of 68
SPECIFICATIONS
VDD = 3.3 V ± 10%, AGND = DGND = 0 V, on-chip reference, CLKIN = 3.58 MHz, TMIN to TMAX = −40°C to +85°C, Register Address 0x120
set to 0x30, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
PHASE ERROR BETWEEN CHANNELS
Line frequency = 45 Hz to 65 Hz, HPF on
Power Factor = 0.8 Capacitive
±0.05
Degrees
Phase lead 37°
Power Factor = 0.5 Inductive
±0.05
Degrees
Phase lag 60°
ACTIVE ENERGY MEASUREMENT
Active Energy Measurement Error
(Current Channel A)
0.1
%
Over a dynamic range of 3000:1, PGA = 1,
PGA = 22, integrator off
Active Energy Measurement Error
(Current Channel B)
0.1
%
Over a dynamic range of 1000:1, PGA = 1,
PGA = 16, integrator off
AC Power Supply Rejection
VDD = 3.3 V ± 120 mV rms, 100 Hz
Output Frequency Variation
0.01
%
DC Power Supply Rejection
VDD = 3.3 V ± 330 mV dc
Output Frequency Variation
0.01
%
Active Energy Measurement Bandwidth
1.23
kHz
−3 db
REACTIVE ENERGY MEASUREMENT
Reactive Energy Measurement Error
(Current Channel A)
0.1
%
Over a dynamic range of 3000:1, PGA = 1,
PGA = 22, integrator off
Reactive Energy Measurement Error
(Current Channel B)
0.1
%
Over a dynamic range of 1000:1, PGA = 1,
PGA = 16, integrator off
AC Power Supply Rejection
VDD = 3.3 V ± 120 mV rms, 100 Hz
Output Frequency Variation
0.01
%
DC Power Supply Rejection
VDD = 3.3 V ± 330 mV dc
Output Frequency Variation
0.01
%
Reactive Energy Measurement
Bandwidth
1.23
kHz
−3 db
RMS MEASUREMENT
IRMS and VRMS Measurement
Bandwidth
1.23
kHz
IRMS (Current Channel A) Measurement
Error
0.2
%
Over a dynamic range of 1000:1, PGA = 1,
PGA = 22, integrator off
IRMS (Current Channel B) and VRMS
Measurement Error
0.2
%
Over a dynamic range of 500:1, PGA = 1,
PGA = 16, integrator off
ANALOG INPUTS
Maximum Signal Levels
±500
mV peak
Differential inputs: IAP to IAN, IBP to IBN
±500
mV peak
Single-ended input: VP to VN, IBP to IBN
±250
mV peak
Single-ended input: IAP to IAN
Input Impedance (DC)
IAP Pin
50
IAN Pin
50
IBP, IBN, VP, VN Pins
540
ADC Offset Error
Uncalibrated error (see the Terminology
section)
Current Channel B, Voltage Channel
0
±10
mV
Current Channel A
−12
mV
PGA = 1
−1
mV
PGA = 16, PGA = 22
Gain Error
External 1.2 V reference
Current Channel A
±3
%
Current Channel B
±3
%
Voltage Channel
±3
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com