Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7953ACPZ Datasheet(PDF) 19 Page - Analog Devices

Part # ADE7953ACPZ
Description  Single Phase, Multifunction Metering IC with Neutral Current Measurement
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7953ACPZ Datasheet(HTML) 19 Page - Analog Devices

Back Button ADE7953ACPZ Datasheet HTML 15Page - Analog Devices ADE7953ACPZ Datasheet HTML 16Page - Analog Devices ADE7953ACPZ Datasheet HTML 17Page - Analog Devices ADE7953ACPZ Datasheet HTML 18Page - Analog Devices ADE7953ACPZ Datasheet HTML 19Page - Analog Devices ADE7953ACPZ Datasheet HTML 20Page - Analog Devices ADE7953ACPZ Datasheet HTML 21Page - Analog Devices ADE7953ACPZ Datasheet HTML 22Page - Analog Devices ADE7953ACPZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 68 page
background image
Data Sheet
ADE7953
Rev. A | Page 19 of 68
THEORY OF OPERATION
ANALOG INPUTS
The ADE7953 includes three analog inputs that form two current
channels and one voltage channel. In a standard configuration,
Current Channel A is used to measure the phase current, and
Current Channel B is used to measure the neutral current. The
voltage channel input measures the difference between the phase
voltage and the neutral voltage. The ADE7953 can, however, be
used with alternative voltage and current combinations as long as
the analog input specifications described in this section are met.
Current Channel A
Current Channel A is a fully differential voltage input that is
designed to be used with a current sensor. This input is driven
by two pins: IAP (Pin 5) and IAN (Pin 6). The maximum differ-
ential voltage that can be applied to IAP and IAN is ±500 mV.
A common-mode voltage of less than ±25 mV is recommended.
Common-mode voltages in excess of this recommended value
may limit the available dynamic range. A programmable gain
amplifier (PGA) stage is provided on Current Channel A with
gain options of 1, 2, 4, 8, 16, and 22 (see Table 6).
The maximum full-scale input of Current Channel A is ±250 mV
when using a single-ended configuration and, therefore, when
using a gain setting of 1, the dynamic range is limited. The Current
Channel A gain is configured by writing to the PGA_IA register
(Address 0x008). By default, the Current Channel A PGA is set
to 1. A gain option of 22 is offered exclusively on Current
Channel A, allowing high accuracy measurement for signals of
very small amplitude. This configuration is particularly useful
when using small value shunt resistors or Rogowski coils.
Current Channel B
Current Channel B is a fully differential voltage input that is
designed to be used with a current sensor. This input is driven
by two pins: IBP (Pin 9) and IBN (Pin 10). The maximum differ-
ential voltage that can be applied to IBP and IBN is ±500 mV. A
common-mode voltage of less than ±25 mV is recommended.
Common-mode voltages in excess of this recommended value
may limit the available dynamic range. A PGA gain stage is
provided on Current Channel B with gain options of 1, 2, 4, 8,
and 16 (see Table 6). The Current Channel B gain is configured
by writing to the PGA_IB register (Address 0x009). By default,
the Current Channel B PGA is set to 1.
Voltage Channel
The voltage channel input a full differential input driven by
two pins: VP (Pin 12) and VN (Pin 11). The voltage channel
is typically connected in a single-ended configuration. The
maximum single-ended voltage that can be applied to VP is
±500 mV with respect to VN. A common-mode voltage of less
than ±25 mV is recommended. Common-mode voltages in
excess of this recommended value may limit the dynamic range
capabilities of the ADE7953. A PGA gain stage is provided on
the voltage channel with gain options of 1, 2, 4, 8, and 16 (see
Table 6).
The voltage channel gain is configured by writing to the PGA_V
register (Address 0x007). By default, the voltage channel PGA is
set to 1.
Table 6. PGA Gain Settings
Gain
Full-Scale
Differential
Input (mV)
PGA_IA[2:0]
(Addr 0x008)
PGA_IB[2:0]
(Addr 0x009)
PGA_V[2:0]
(Addr 0x007)
1
±500
0001
000
000
2
±250
001
001
001
4
±125
010
010
010
8
±62.5
011
011
011
16
±31.25
100
100
100
22
±22.7
101
N/A
N/A
1 When a gain of 1 is selected on Current Channel A, the maximum pin input is
limited to ±250 mV. Therefore, when using a single-ended configuration, the
maximum input is ±250 mV with respect to AGND.
ANALOG-TO-DIGITAL CONVERSION
The analog-to-digital conversion in the ADE7953 is performed
by three second-order Σ-Δ modulators. For the sake of clarity,
the block diagram in Figure 36 shows the operation of a first-
order Σ-Δ modulator. The analog-to-digital conversion consists
of a Σ-Δ modulator followed by a low-pass filter stage.
24
DIGITAL
LOW-PASS
FILTER
R
C
+
CLKIN/4
INTEGRATOR
+VREF
–VREF
1-BIT DAC
LATCHED
COMPARATOR
ANALOG
LOW-PASS FILTER
.....10100101.....
+
Figure 36. Σ-Δ Conversion
The Σ-Δ modulator converts the input signal into a continuous
serial stream of 1s and 0s at a rate determined by the sampling
clock. The ADE7953 sampling clock is equal to 895 kHz
(CLKIN/4). The 1-bit DAC in the feedback loop is driven by the
serial data stream. The DAC output is subtracted from the input
signal. If the loop gain is high enough, the average value of the
DAC output (and, therefore, the bit stream) can approach that
of the input signal level. For any given input value in a single
sampling interval, the data from the 1-bit ADC is virtually
meaningless. A meaningful result is obtained only when a large
number of samples is averaged. This averaging is carried out
in the second part of the ADC, the digital low-pass filter. By
averaging a large number of bits from the modulator, the low-
pass filter can produce 24-bit data-words that are proportional
to the input signal level. The Σ-Δ converter uses two techniques—
oversampling and noise shaping—to achieve high resolution
from what is essentially a 1-bit conversion technique.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com